Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS28 Datasheet(PDF) 1 Page - Formosa MS

Part # SS28
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SS28 Datasheet(HTML) 1 Page - Formosa MS

  SS28 Datasheet HTML 1Page - Formosa MS SS28 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0011345600178
0659 630 43355
55 3
9
5


 !"$
%&""'%(
$
) *+,-./!1
"23456
5)
7
653
809 : 35
: 45 3 5
03
0
;<
=>
?@
ABCDEF
BGCI?AJKCLGCMMN
O
BGF
BPBF
DBPQN
I
CRBQST@
UVW@
X@
Y@
Z@
X@
[@\QELI
BG]O
I
^U@
Y_U@
Y`a
b@
U_b@
U\\cdQMMBFMCGCF
BCD
eCI
O
LRDCIYbXC\fO
BLII
B\MBF
CI
EF
BELN
BDDQI
^BF
]O
DBDMBdO
S
O
BG@
gO
LRN
BM^CDB^CN
S
h
]CPBiUJKj
F
BDO
DI
O
PBQFO
LGEdI
O
PBN
QCGj
S
QFdCMCdO
I
O
PBN
QCGdEF
F
BLIGBF
CI
BfkYUl@
Vmnog
Vmnog
Vmnog
0:0
6
30
p\MD
p\MD
VQN
I
D
V55
V50
V9
q
r
st
q
90
V9
Y@
U
bU@
U
U@
uU
mMBF
CI
O
LRv
ELdI
O
QLI
B\MBF
CI
EF
BF
CLRB
AC_O
\E\F
BMBI
O
I
O
PBMBCwF
BPBF
DBPQN
I
CRB
AC_O
\E\eAgPQN
I
CRB
AC_O
\E\WXfN
QdwO
LRPQN
I
CRB
AC_O
\E\CPBF
CRBS
QF
]CF
GF
BdI
O
S
O
BGdEF
F
BLI
CIo:a
DBBS
O
R@
?c
ZBCwS
QF
]CF
GDEF
RBdEF
F
BLI
x@
y\DDO
LRN
B^CN
SDO
LBh
]CPBDEMBF
O
\MQDBGQL
F
CI
BGN
QCGa
z{W{XABI
^QGc
AC_O
\E\O
LDI
CLI
CLBQEDS
QF
]CF
GPQN
I
CRBCIY@
Up
AC_O
\E\WXF
BPBF
DBdEF
F
BLI o|YbX
CIF
CI
BGWXfN
QdwO
LRPQN
I
CRB
o|?UUX
okMO
dCNv
ELdI
O
QLdCMCdO
I
CLdBa
}mo{?c
q
5
U@
b
e~
X
oj
o038
ub@
U
?xU
M€
X
\p
okMO
dCNI
^BF
\CNF
BDO
DI
CLdBa
}mo{Yc
X
‚
gI
QF
CRBI
B\MBF
CI
EF
BF
CLRB
X
h
ibI
Qƒ?bU
h
ibI
Qƒ?Yb
h
ibI
Qƒ?bU
YU
?U
U@
bb
U@
xb
„…=†z{W{XWmh
Y?TpX\QN
GBGMN
CDI
O
dfQGk
3=‡ˆ‰
Š„‹
…†N
BCGDDQN
GBF
CfN
BMBFAq
nh
goWh
ubUj
ABI
^QGYUYi
Œ;‹
„‡‰
<
†XQN
QFfCLGGBLQI
BDdCI
^QGBBLG
;ŽŠ<
‰
ŠŒ;…‰
<
‰
;ІpLk
=‰
‘<†U@
UUyQELdBjU@
U’yRF
C\D
o^BMN
CDI
O
dMCdwCRBdCF
F
O
BD“LGBF
]F
O
I
BF
DnCfQF
CI
QF
k
€N
C\\CfO
N
O
I
kXN
CDDO
S
O
dCI
O
QL’TVh
U
€QFDEF
S
CdB\QELI
BGCMMN
O
dCI
O
QLD
ABI
CNDO
N
O
dQLv
ELdI
O
QLj
\Cv
QF
O
I
kdCF
F
O
BFdQLGEdI
O
QL
nQ]MQ]BFN
QDDj
^O
R^BS
S
O
dO
BLdk
[EO
N
I
h
O
LDI
F
CO
LF
BN
O
BS
j
O
GBCNS
QFCEI
Q\CI
BGMN
CdB\BLI
JO
R^S
QF
]CF
GDEF
RBdEF
F
BLIdCMCfO
N
O
I
k
JO
R^I
B\MBF
CI
EF
BDQN
GBF
O
LRRECF
CLI
BBG†
YbUX
?UDBdQLGDCII
BF
\O
LCN
D
9 365 0
4
:93
0011 001”
001•
001–
001—
00178
001˜
YU
?T
YU
yU
Y?
yU
TU
Yx
TU
bU
yb
bU
iU
TY
iU
xU
bi
xU
?UU
uU
?UU
YYU
U@
Tb
™š›œšž ¡
¢£¤¥§
©ª«¬­¥®¯°
©
°
±±¬¥²©£¯
¥
³¥´µ
±¥²©£¯
¥ ³¥´µ
±µ
ª®
¢£¤¥¶
·¯
¯
¸¹
º
º
»»»¶
¼
ª½­ª±£­±¶
«ª­º
¾¿À¹
ÁÁÂÃÄÃÄÄÂŧ
ÆÇȹ
ÁÁÂÃÄÃÄÄÂŧɧ
©ÊÃÄÄÄÂÉË
ÄÌÌÁº
퀼
§Ì
Ä̧̺
Ìͺ
§Ì
Î
Ä
ÏÐÑÒ
ÓÔÕ
ÖרÑÙ
ÚÛ
ÚÜÝß
àÛ
áâã
ÚÛ
ÚÝäß
áÛ
ÝÚã
ÚÛ
áååß
æÛ
ÝÚã
ÚÛ
áÝæß
çÛ
äÚã
ÚÛ
ááÚß
àÛ
ÜÚã
ÚÛ
Úäâß
àÛ
æÝã
ÚÛ
ÚâÚß
áÛ
Ýàã
ÚÛ
ÚçÚß
ÚÛ
åâã
ÚÛ
àààß
ÝÛ
ââã
ÚÛ
áäáß
æÛ
ÜÝã
ÚÛ
Úáàß
ÚÛ
çÚÝã
ÚÛ
ÚÚâß
ÚÛ
áÝàã
ÚÛ
ÚÚÜß
ÚÛ
àÚçã
èéêÛ
ÚÛ
Úäâß
àÛ
æàã
ÚÛ
ÚåÝß
áÛ
äÚã
ëì
íîïðì
ñïðì
ïì
ïòóîðôïõß
íì
ö
ö
ì
íî÷
îø
ðã
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SS28

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS28 MCC-SS28 Datasheet
625Kb / 3P
2 Amp Schottky Rectifier 20 to 100 Volts
logo
Fairchild Semiconductor
SS28 FAIRCHILD-SS28 Datasheet
49Kb / 3P
Schottky Rectifiers
logo
DAESAN ELECTRONIC CORP.
SS28 DAESAN-SS28 Datasheet
310Kb / 2P
CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
logo
Galaxy Semi-Conductor H...
SS28 BILIN-SS28 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
MIC GROUP RECTIFIERS
SS28 MIC-SS28 Datasheet
94Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS28

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com