Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS28 Datasheet(PDF) 2 Page - Formosa MS

Part # SS28
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SS28 Datasheet(HTML) 2 Page - Formosa MS

  SS28 Datasheet HTML 1Page - Formosa MS SS28 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0123
456148910192 03
623
99 0 66620 66











































0 06 215 
26

 6 8 0123
4
!"#$
%3
5$&'
2( 3
91) 4923
491 193
2149
%3
5$*'
2( 3
91201463
422 0+13
+ 8149
4 +, 0%9(9 612*-
%3
5$'
+1.3
+ +44'
0 23
23
1/%00108
6 05 9 00 42
%3
5$'%001089 00 428 0123
459 0




3456
789:;<9=56
7:>
?<@:
A
B:C:DEFG
HIJK










L








MBND
MBND
MBND
09 42% 1/0 06 215 
O
%3
5$P'
2( 3
910 06 910192 03
623
96
1+,3
422 + 012 0 9
55>
55
55>
55
5R
STU
FVHW4F
;WU
X?WYF;Z
[F4R
4G
R
YFI\
R
SJ]^G
R
YF9IWJ








%3
5$_'
2( 3
913
46214214  6%00108
910192 03
623
96
3
46214214  6%00108 15 
26
55>
55
55>
55
55>
55
MBND


 
 
 
 
 
 
 

MBND
55>
55
55>
55
`abcdefhiajk`elikkmnodbbp
fbbfekp
cp
fb
qrstruvxy
z{|}
‚ƒ„…}†‡ˆ

ˆ
‰‰„}Ё{‡
}
‹}Œ
‰}Ё{‡
} ‹}Œ
‰
‚†
z{|}Ž
‡
‡
‘
’
’
“““Ž
”
‚•…‚‰{…‰Ž
ƒ‚…’
–—˜‘
™™š››šœššš
žŸ ‘
™™š››šœš¡
¢›š¡£
¤¤™’
¤’
¤
¤¤’
¤¥’
¤
¦

深圳FMS
Kinter
131
6803
0058



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com