Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS54 Datasheet(PDF) 1 Page - Formosa MS

Part # SS54
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SS54 Datasheet(HTML) 1 Page - Formosa MS

  SS54 Datasheet HTML 1Page - Formosa MS SS54 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0012
0345678 3 07 644
84487
5
84


 !#$%
&
'
()*+,-/0
!12345
4'
66
346
706 889874
7697646784
0
70
:;
<=
>?
@ABCDE
AFBH>@IJBKFBLLM
N
AFE
AOAE
CAOPM
H
BQAPRS?
TUV?
W?
X?
Y?
W?
Z?[PDKH
AF\N
H
]T?
S^T?
S_`
>T^>T[[abPLLAELBFBE
ABC
cBH
N
KQCBHXdWB[eN
AKHH
A[LAE
BH
DE
ADKM
ACCPH
]AE
\N
CACLAbN
R
N
AF?
fN
KQM
AL]BCA]BM
R
g
\BOAhTIJi
E
ACN
CH
N
OAPEN
KFDbH
N
OAM
PBFi
R
PEbBLBbN
H
N
OAM
PBFbDE
E
AKHFAE
BH
AejXTk?
Ulmnf
Ulmnf
Ulmnf
opqrsto
3 
0
u[LC
u[LC
UPM
H
C
U44
U40
U87
v
w
6xy
v
50
U5
d?
T
>dT?
T
lLAE
BH
N
KQz
DKbH
N
PKH
A[LAE
BH
DE
AE
BKQA
@B^N
[D[E
ALAH
N
H
N
OALAB{E
AOAE
CAOPM
H
BQA
@B^N
[D[c@fOPM
H
BQA
@B^N
[D[VWeM
Pb{N
KQOPM
H
BQA
@B^N
[D[BOAE
BQAR
PE
\BE
FE
AbH
N
R
N
AFbDE
E
AKH
BHn9`
CAAR
N
Q?
>a
YAB{R
PE
\BE
FCDE
QAbDE
E
AKH
|?
}[CCN
KQM
A]BM
RCN
KAg
\BOACDLAE
N
[LPCAFPK
E
BH
AFM
PBF`
~VW@AH
]PFa
@B^N
[D[N
KCH
BKH
BKAPDCR
PE
\BE
FOPM
H
BQABHd?
Tu
@B^N
[D[VWE
AOAE
CAbDE
E
AKH n6€XdW
BHE
BH
AFVWeM
Pb{N
KQOPM
H
BQA
n6€>TTW
njLN
bBMz
DKbH
N
PKbBLBbN
H
BKbA`
ln>a
v
4
c‚ƒ6
Wƒ
nƒi
n07
L„
W
[u
njLN
bBMH
]AE
[BME
ACN
CH
BKbA`
lnXa
W…
†
fH
PE
BQAH
A[LAE
BH
DE
AE
BKQA
W
n]ALM
BCH
N
bLBb{BQAbBE
E
N
AC‡KFAE
\E
N
H
AE
CmBePE
BH
PE
j
„M
B[[BeN
M
N
H
jWM
BCCN
R
N
bBH
N
PKˆSUg
T
„PECDE
R
BbA[PDKH
AFBLLM
N
bBH
N
PKC
@AH
BMCN
M
N
bPKz
DKbH
N
PKi
[Bz
PE
N
H
jbBE
E
N
AEbPKFDbH
N
PK
mP\LP\AEM
PCCi
]N
Q]AR
R
N
bN
AKbj
ZDN
M
H
g
N
KCH
E
BN
KE
AM
N
AR
i
N
FABMR
PEBDH
P[BH
AFLM
BbA[AKH
IN
Q]R
PE
\BE
FCDE
QAbDE
E
AKHbBLBeN
M
N
H
j
IN
Q]H
A[LAE
BH
DE
ACPM
FAE
N
KQQDBE
BKH
AAF‰
XdTW…
>TCAbPKFCBHH
AE
[N
KBM
C
5863480
0012
ST
X|
ST
7Š‹<‰~VWVlg
X>Suu[PM
FAFLM
BCH
N
bePFj
<ŒŽ
Š
‹‰M
ABFCCPM
FAE
BeM
ALAE@v
mg
fnVg
‘dTi
@AH
]PFXTXh
’:
ŠŒŽ
;
“‰WPM
PEeBKFFAKPH
ACbBH
]PFAAKF
:”;
Ž
•’:‹Ž
;
Ž
:‰uKj
–<Ž
•—;
‰
T?
TTdPDKbAiT?
>}|QE
B[C
876 
769866
>
dd?
T
g
hdH
P˜>dT
g
hdH
P˜>Xd
XT
T?
Sd
>TTT
™š
24›'š
$›'š
›š
›œ4'ž›Ÿ 
2š
%
%
š
24&
45
'¡
!0
!¢£ 
¤0
¤!¡
!0
!¥¦ 
¦0
¢!¡
!0
¦¢§ 0
£/¡
!0
¦£! 0
!/¡
!0
¦// 
§0
¨¡
!0
¦§! 
§0
§!¡
0©
8 ª
«¬266
!0
!£! 
¦0
/¤¡
!0
!§! 
!0
¥£¡
!0
¤¤! /0
/¨¡
!0
¤!/ /0
¤¦¡
!0
!¦¤ 
!0
§!/¡
!0
!!£ 
!0
¦/¤¡
!0
!!¢ !0
¤!§¡­1®0
!0
!¨£ 
¤0/¡
!0
!¢¦ 
¤0
!/¡
¯°±²°³´¶·
¹º»¼¾
ÀÁÂÃļůÇ
À
Ç
ÈÈüÉÀºÆ
¼
ʼËÌ
ȼÉÀºÆ
¼ ʼËÌ
ÈÌ
ÁÅ
¹º»¼Í
ÎÆ
Æ
ÏÐ
Ñ
Ñ
ÒÒÒÍ
Ó
ÁÔÄÁȺÄÈÍ
ÂÁÄÑ
ÕÖ×Ð
ØØÙÚÛÚÛÛÙÜÙÙÙ¾
ÝÞßÐ
ØØÙÚÛÚÛÛÙÜÙ¾à¾
ÀáÚÛÛÛÙàâ
ÛããØÑ
ãÛÑ
¾ã
Ûã¾ãÑ
ãäÑ
¾ã
å
Û
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SS54

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SS54 JINANJINGHENG-SS54 Datasheet
79Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS54 YANGJIE-SS54 Datasheet
156Kb / 2P
Schottky Rectifier
logo
Frontier Electronics.
SS54 FRONTIER-SS54 Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS54 LUGUANG-SS54 Datasheet
257Kb / 2P
Surface Mount Schottky Barrier Rectifiers
SS54 LUGUANG-SS54 Datasheet
395Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS54

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com