Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS54 Datasheet(PDF) 2 Page - Formosa MS

Part # SS54
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SS54 Datasheet(HTML) 2 Page - Formosa MS

  SS54 Datasheet HTML 1Page - Formosa MS SS54 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0123
456148910192 03
623
99 0 666





























 















 6 8 01234
!"#$
%3
5$&'
2(3
91201463
422 0)13
) 8149
%3
5$*'
2(3
913
46214214 6% 0+108
910192 03
623
96
4 ), 0 %9(9 612&-.
%3
5$/'
)103
) )4 4'
0  23
23
 11% 0+108
6 05 9 00 42
%3
5$2'% 0+1089 00 428 0123
459 0
3
46214214 6% 0+108  15 
26




4567
89:;<=:>67
8;?
@=A;
B
C;D;EFGH
IJKL







MCNE
OP:6;@7
DM<NQ5
RDPMSESE:;






T








MCNE
MCNE
 09 42 % 110 06 215 
U
%3
5$'
2(3
910 06 910192 03
623
96
1),3
422 ) 012 0 9
MCNE






0 06 215 
26
%3
5$'
2(3
91W 4923491193
2149
MCNE




YZ[\]^_abZcdY^ebddfgh][[i
_[[_^di
\i
_[
jklmknoqr
tuvwy
{|}~w€‚
{
‚
ƒƒ~w„{u
w
…w†‡
ƒw„{u
w …w†‡
ƒ‡
|€
tuvwˆ
‰

Š‹
Œ
Œ
ˆ
Ž
||ƒuƒˆ
}|Œ
‘’‹
““”•y•yy”–”””—
˜™š‹
““”•y•yy”–”—›—
{œ•yyy”›
yžž“Œ
žyŒ
—ž
yž—žŒ
žŸŒ
—ž
 
y
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com