Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACD03 Datasheet(PDF) 1 Page - Recom International Power

Part # RACD03
Description  3W Class II AC-DC LED Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD03 Datasheet(HTML) 1 Page - Recom International Power

  RACD03 Datasheet HTML 1Page - Recom International Power RACD03 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-19
www.recom-international.com
REV: 2/2013
Please Read Application Notes
LIGHTLINE
AC/DC-Converter
with 3 year Warranty
RACD03
3 Watt
Single
Output
● 3W Class II AC-DC LED Power Supply
● 350mA to 700mA CC/CV Output
● ENEC, UL, RCM and CB Certified
● Universal Input Voltage Range
● Fused Input and Protected Output
● 3kVAC Isolation
● IP66
● Low Cost
● 3 Year Warranty
Features
LED Driver
Selection Guide
Part
CV Mode
CC Mode
Efficiency typ.
Number
(VDC)
(mA)
(VDC)
(mA)
(%)
RACD03-350
15
0-350
2.5-15
350
72
RACD03-500
11
0-500
2.5-11
500
71
RACD03-700
6
0-700
2.5-6
700
62
Input Voltage Range
90-264VAC or 120-370VDC
Rated Power
3W nom. / 5W max.
Input Frequency Range
47-63 Hz
Output Voltage Range
2.5 - 15VDC max.
Inrush Current (<2mS)
230VAC
10A max.
Leakage Current
240VAC/50Hz
0.2mA typ.
Input Fuse
Built-in
T1A
Input Current
350mA Verison
20mA
500mA Version
25mA
700mA Version
38mA
Output Current Accuracy
(combined Tolerance, Load Regulation and Line Regulation)
±10%
Minimum Load
Open Circuit Protected
1 LED
Output Ripple
0.1Ap-p max.
Hold Up Time
18ms min.
Operating Frequency
66kHz typ.
AC RMS Isolation Voltage (input to output)
3.75kV / 1 minute typ., 3kV / 1 minute min.
Temperature Coefficient
±0.02%/°C typ.
Overload Protection
120% typ.
Short Circuit Protection
Continuous Current Limit
Output Overvoltage Protection
Zener Diode Clamp
Overtemperature Protection
Shutdown, Automatic restart after cooling down
Operating Temperature Range
Ambient Temperature
-20°C to +50°C
(free air convection)
Case Temperature
85°C max.
Storage Temperature Range
-25°C to +85°C
Humidity
95% RH max.
IP Rating
IP66
continued on next page
Description
Specifications (typical at 25°C and after warm up time unless otherwise specified )
A compact universal AC input 3W constant current switching power module suitable for driving 1 - 6 high power LEDs.
The output (dual constant voltage / constant current mode) current limit is fixed at 350mA, 500mA or 700mA. At lower
output currents, the output is constant voltage. Connections are via 118mm long flying leads.
UL-8750 Certified
EN-61347 Certified
ENEC Certified
E340696
RoHS
2011/65/EU
6/6


Similar Part No. - RACD03

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD03-350-PSE RECOM-RACD03-350-PSE Datasheet
809Kb / 4P
3 Watt CC/CV Single Output
RACD03-500-PSE RECOM-RACD03-500-PSE Datasheet
809Kb / 4P
3 Watt CC/CV Single Output
RACD03-700-PSE RECOM-RACD03-700-PSE Datasheet
809Kb / 4P
3 Watt CC/CV Single Output
RACD03-PSE RECOM-RACD03-PSE Datasheet
809Kb / 4P
3 Watt CC/CV Single Output
More results

Similar Description - RACD03

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LSP10A224001 LINKCOM-LSP10A224001 Datasheet
91Kb / 1P
AC TO DC LED POWER SUPPLY
LSP10A236001 LINKCOM-LSP10A236001 Datasheet
92Kb / 1P
AC TO DC LED POWER SUPPLY
LSP10A248001 LINKCOM-LSP10A248001 Datasheet
75Kb / 1P
AC TO DC LED POWER SUPPLY
logo
Recom International Pow...
RACD06 RECOM-RACD06 Datasheet
95Kb / 2P
6W AC-DC Class II LED Power Supply
RACD20 RECOM-RACD20_13 Datasheet
97Kb / 2P
20W Class II AC-DC LED Power Supply
RACD20-D RECOM-RACD20-D_13 Datasheet
87Kb / 2P
20W Class II AC-DC LED Power Supply
RACD25 RECOM-RACD25 Datasheet
68Kb / 2P
25W Class II AC-DC LED Power Supply
RACD30 RECOM-RACD30_13 Datasheet
96Kb / 2P
30W Class II AC-DC LED Power Supply
logo
List of Unclassifed Man...
LF2200 ETC1-LF2200 Datasheet
122Kb / 1P
AC to DC LED Power Supply
logo
Minmax Technology Co., ...
AAF-03 MINMAX-AAF-03_16 Datasheet
477Kb / 3P
AC/DC Power Module 3W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com