Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACD03 Datasheet(PDF) 2 Page - Recom International Power

Part # RACD03
Description  3W Class II AC-DC LED Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD03 Datasheet(HTML) 2 Page - Recom International Power

  RACD03 Datasheet HTML 1Page - Recom International Power RACD03 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-electronic.com
L-20
REV: 2/2013
38.1
23.1
29.6
1.3+0.1
Output Current
15V
RACD03-350
Nominal Current Limits
6V
3V
CV
11V
RACD03-500
RACD03-700
CV
CV
TC
52.1
46.1
-
4.0
5.0
RACD03
Series
LIGHTLINE
AC/DC-Converter
Package Style and Pinning
Wire Connections
Wire
Function
Brown
VAC in (L)
Blue
VAC in (N)
Red
LED+
Black
LED-
Tolerance
XX = +1mm/ -0.5mm
XX.X = +/- 0.25mm
PCB Material
Plastic Resin with Fibreglass (UL94V-0)
Case Material
Plastic
Weight
45g
Packing Quantity
10pc
Designed to meet Standards
Electrical Lighting, EMC Emissions
EN55015:2006 + A1: 2007 + A2:2009
Limits for Harmonics Emissions
EN 61000-3-2:2006
EMC Compatibilty: Flicker and Voltage Variations
EN 61000-3-3:2006
Electrical Lighting: EMC Immunity
EN 61547:1995 + A1:2000
Class II Power Supply Safety
UL1310
FCC
FCC18A
Certifications
LED Lighting Safety (E340696)
UL8750
RCM (U21376)
AS/NZS 61347.1:2002, IEC 61347-2-13
ENEC General Safety
EN 61347-1: 2008
ENEC Safety of AC supplied Control Gear for LED Modules
EN 61347-2-13: 2006
Design Lifetime
25°C ambient
>20 x 10³ hours in operation
Connections
AC Input Live
Brown Wire, AWG18, 172mm + 5-7mm stripped and tinned
AC Input Neutral
Blue Wire, AWG18, 172mm + 5-7mm stripped and tinned
LED +
Red Wire, AWG18, 128mm + 5-7mm stripped and tinned*
LED -
Black Wire, AWG18, 128mm + 5-7mm stripped and tinned*
* Do not connect or disconnect the LED load while the converter is on. This may damage the LED or reduce its life.
Specifications cont. (typical at 25°C and after warm up time unless otherwise specified )
2 Mounting screws are included
Tc = Case Temperature Measuring Point
Constant Current (CC) and Constant Voltage (CV) Graph
3rd angle
projection
Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com