Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACD07 Datasheet(PDF) 1 Page - Recom International Power

Part # RACD07
Description  Universal AC Input 90-295VAC, 350mA, 500mA, 700mA Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD07 Datasheet(HTML) 1 Page - Recom International Power

  RACD07 Datasheet HTML 1Page - Recom International Power RACD07 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
www.recom-electronic.com
REV: 0/2013
RACD07
RoHS
2002/95/EC
6/6
LIGHTLINE
AC/DC-Converter
with 3 year Warranty
7 Watt
Single
Output
Selection Guide
Input Voltage Range
90-295 VAC
Rated Power
7W nom.
Input Frequency Range
47-63Hz
Current Accuracy
±3% typ. / ±7% max.
Output Current Ripple
30mAp-p typ.
Voltage Accuracy (includes load, line and tolerance)
±5%
AC Input Current
0.2A
Set Up Time
<1S
Hold-Up Time
18ms min.
Operating Frequency
45kHz
Isolation Voltage
3.75kVAC / 1 min
Short Circuit Protection
Continuous
Over Current Protection
Constant Current Mode Protection
Overload Protection
105% - 120% typ.
Output Overvoltage Protection
Zener Diode Clamp
Storage Humidity
10% - 90% RH
Operating Humidity
20% - 90% RH Non-Condensing
Weight
74g
Dimension
57 x 41 x 24mm
Packing Quantity
100pcs / Carton
Operating Temperature Range
Ambient Temperature
-20°C to +40°C
(free air convection)
Case Temperature
65°C max.
Storage Temperature Range
-40°C to +80°C
IP Rating
IP67
Isolation Resistance
100M
Ω / 500VDC at 25°C
PCB Material
(UL94V-0)
Plastic Resin with Fibreglass
Case Material
(UL94V-0)
Plastic
Safety Standards
General Safety (Report 1201032E-01)
EN61347-1
LVD Safety (Report PSE101-0791)
EN61347-2-13
EMC Harmonics (Report 1201032E-01)
EN61000-3-2
EMC Flicker (Report 1201032E-01)
EN61000-3-3
EMC Emissions (Report 1201032E-01)
EN55015
MTBF (+25°C)
using MIL-HDBK 217F
200 x 10³ hours min.
* Do not connect or disconnect the LED load while the converter is on. This may damage the LED or re-
duce its life.
Specifications (measured at 115VAC / 230VAC and 25°C ambient temperature)
● Universal AC Input 90-295VAC
● 350mA, 500mA, 700mA Output
● Constant Current Operation
● Isolation 3.75kVAC
● Overcurrent and Short Circuit Protection
● IP67 Rated
Features
LED DRIVER
Part
Rated
Output
Output
Constant Current
Efficiency
Number
Power
Current
Voltage
Range
(W)
(mA)
(VDC)
(VDC)
(typ.)
RACD07-350
7
350
21
10 - 20
70%
RACD07-500
7
500
14.5
5 - 14.5
70%
RACD07-700
7
700
11
3 - 10.5
70%
EN 61347 Certified
EN 61347-2-13 Certified


Similar Part No. - RACD07

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD03 RECOM-RACD03 Datasheet
93Kb / 2P
3W Class II AC-DC LED Power Supply
RACD03-350 RECOM-RACD03-350 Datasheet
93Kb / 2P
3W Class II AC-DC LED Power Supply
RACD03-350-PSE RECOM-RACD03-350-PSE Datasheet
809Kb / 4P
3 Watt CC/CV Single Output
RACD03-500 RECOM-RACD03-500 Datasheet
93Kb / 2P
3W Class II AC-DC LED Power Supply
RACD03-500-PSE RECOM-RACD03-500-PSE Datasheet
809Kb / 4P
3 Watt CC/CV Single Output
More results

Similar Description - RACD07

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5061-5 ROHM-BP5061-5 Datasheet
37Kb / 3P
AC100V input, −5V/350mA output
BP5710-1 ROHM-BP5710-1 Datasheet
403Kb / 3P
AC/DC converter AC100V input, 12V/350mA output
logo
Emerson Network Power
AD8024N3L-001 EMERSON-NETWORKPOWER-AD8024N3L-001 Datasheet
500Kb / 2P
Universal AC input
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L Datasheet
403Kb / 2P
Universal AC input
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L_10 Datasheet
322Kb / 2P
Universal AC input
logo
Total Power Internation...
TPILED160 TOTAL-POWER-TPILED160 Datasheet
120Kb / 1P
Universal AC Input 90-264Vac
logo
Recom International Pow...
RAC35-G RECOM-RAC35-G Datasheet
548Kb / 5P
Universal Input 90-264VAC
RAC45-G RECOM-RAC45-G Datasheet
550Kb / 5P
Universal Input 90-264VAC
logo
Bel Fuse Inc.
ABC400 BEL-ABC400_V01 Datasheet
920Kb / 12P
Universal AC Input Voltage Range: 90-264 VAC
logo
ETA-USA
DTM-SX-SP ETA-USA-DTM-SX-SP Datasheet
1Mb / 2P
15W Universal input 90~264V AC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com