Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACD07 Datasheet(PDF) 2 Page - Recom International Power

Part # RACD07
Description  Universal AC Input 90-295VAC, 350mA, 500mA, 700mA Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD07 Datasheet(HTML) 2 Page - Recom International Power

  RACD07 Datasheet HTML 1Page - Recom International Power RACD07 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
2
REV:0/2013
Typical Charasteristics
RACD07
Series
150 ± 10
49
57
41
4.5
R2
24
2
Tc
11
17
L
N
+
-
Package Style & Pinning
100%
20%
40%
60%
80%
90100 115 130
180
Input Voltage (VAC)
Load
220
240
264
Ta=25°C
LIGHTLINE
AC/DC-Converter
Wire Connections
Wire
Function
Brown
VAC in (L)
Blue
VAC in (N)
Red
LED+
Black
LED-
Tolerance
XX = +1mm/ -0.5mm
XX.X = +/- 0.25mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com