Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACD25 Datasheet(PDF) 1 Page - Recom International Power

Part # RACD25
Description  25W Class II AC-DC LED Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD25 Datasheet(HTML) 1 Page - Recom International Power

  RACD25 Datasheet HTML 1Page - Recom International Power RACD25 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
www.recom-electronic.com
REV: 0/2012
RACD25
RoHS
2002/95/EC
6/6
LIGHTLINE
AC/DC-Converter
with 5 year Warranty
25 Watt PFC
Single
Output
Selection Guide
Input Voltage Range
90-295 VAC or 127-417 VDC
Input Frequency Range
47-63Hz
Power Factor
Full Load, 240VAC
>0.90
Full Load, 115VAC
>0.98
Current Accuracy
700mA Version
±7%
others
±8%
AC Input Current
120VAC
0.4A
240VAC
0.2A
IInrush Current (<2ms)
264VAC
Cold Start 20A
Isolation Voltage
3.75kVAC
Short Circuit Protection
Continuous
Over Voltage Protection
110% - 150%
Over Temperature Protection
Rth
Internal Thermistor
Type
Auto-Recovery Mode
Vibration
10-500Hz
2G for 60 min. each along X, Y, Z axes
Storage Humidity
10% - 95% RH
Operating Humidity
20% - 95% RH Non-Condensing
Weight
220g
Dimension
174.5 x 30.5 x 25mm
Operating Temperature
-20°C to +50°C
Storage Temperature
-40°C to +80°C
Ripple & Noise
3V max.
IP Rating
IP65
Isolation Resistance
100M
Ω / 500VDC at 25°C
Safety Standards
EN61347-1
EN61347-2-13
UL8750
EN61000-3-2 Class C
EN61000-4-2,3,4,5,6,11
EN61547
EN55015 FCC15
MTBF (+25°C)
using MIL-HDBK 217F
200 x 10³ hours min.
Specifications (measured at 230VAC and 25°C ambient temperature)
● 25W Class II AC-DC LED Power Supply
● 350mA, 700mA, 1050mA Output
● Active Power Factor Correction >0.90
● Efficiency to 85%
● EN and UL
Features
LED DRIVER
Part
Rated
Output
Output
Efficiency
Number
Power
Current
Voltage
(W)
(mA)
(VDC)
(typ.)
RACD25-500
25
500
42 - 52
82%
RACD25-700
25
700
21 - 36
85%
RACD25-1050
25
1050
16 - 24
84%
RACD25-1400
25
1400
12-18
83%
UL 8750 Certified
EN 61347 Certified
100%
20%
40%
60%
80%
-20
0
20 40
50
Ambient Temperature (°C)
Load
AC 100V - 295V
Horizontal
Derating-Graph
(Ambient Temperature)


Similar Part No. - RACD25

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD25-1050A RECOM-RACD25-1050A Datasheet
106Kb / 2P
25 Watt PFC Single Output
RACD25-1050P RECOM-RACD25-1050P Datasheet
93Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD25-1400P RECOM-RACD25-1400P Datasheet
93Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD25-2100A RECOM-RACD25-2100A Datasheet
106Kb / 2P
25 Watt PFC Single Output
RACD25-350A RECOM-RACD25-350A Datasheet
106Kb / 2P
25 Watt PFC Single Output
More results

Similar Description - RACD25

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PCD-25 MEANWELL-PCD-25 Datasheet
175Kb / 3P
25W Single Output AC Dimmable LED Power Supply
PCD-25_1107 MEANWELL-PCD-25_1107 Datasheet
197Kb / 4P
25W Single Output AC Dimmable LED Power Supply
PLD-25 MEANWELL-PLD-25_12 Datasheet
193Kb / 3P
25W Single Output LED Power Supply
PCD-25 MEANWELL-PCD-25_12 Datasheet
229Kb / 4P
25W Single Output AC Dimmable LED Power Supply
logo
Recom International Pow...
RACD03 RECOM-RACD03 Datasheet
93Kb / 2P
3W Class II AC-DC LED Power Supply
RACD06 RECOM-RACD06 Datasheet
95Kb / 2P
6W AC-DC Class II LED Power Supply
RACD20 RECOM-RACD20_13 Datasheet
97Kb / 2P
20W Class II AC-DC LED Power Supply
RACD20-D RECOM-RACD20-D_13 Datasheet
87Kb / 2P
20W Class II AC-DC LED Power Supply
RACD30 RECOM-RACD30_13 Datasheet
96Kb / 2P
30W Class II AC-DC LED Power Supply
logo
Mean Well Enterprises C...
GSC25B MEANWELL-GSC25B Datasheet
107Kb / 4P
25W Single Output LED Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com