Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACD25 Datasheet(PDF) 2 Page - Recom International Power

Part # RACD25
Description  25W Class II AC-DC LED Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD25 Datasheet(HTML) 2 Page - Recom International Power

  RACD25 Datasheet HTML 1Page - Recom International Power RACD25 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
2
REV:0/2012
Typical Charasteristics
RACD25
Series
190.0
78.0
10
Tc
150
30.5
3.0
150
AC L (Brown)
AC N (Blue)
V- (Black)
V+ (Red)
2-R1.8
UL1015 20AWG
UL1015 20AWG
174.5
25.0
Package Style & Pinning
100%
20%
40%
60%
80%
90100 115 130
180
Input Voltage (VAC) 60Hz
Load
220
240
295
Ta=25°C
LIGHTLINE
AC/DC-Converter



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com