Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-2 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # JS-2
Description  Interactive Catalog Replaces Catalog Pages
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

JS-2 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  JS-2 Datasheet HTML 1Page - Honeywell Solid State Electronics Center JS-2 Datasheet HTML 2Page - Honeywell Solid State Electronics Center JS-2 Datasheet HTML 3Page - Honeywell Solid State Electronics Center JS-2 Datasheet HTML 4Page - Honeywell Solid State Electronics Center JS-2 Datasheet HTML 5Page - Honeywell Solid State Electronics Center JS-2 Datasheet HTML 6Page - Honeywell Solid State Electronics Center JS-2 Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Basic Switches
SM Series
Subminiature
28
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
Characteristics: O.F. — Operating Force; R.F. — Release
Force; P.T. — Pretravel; O.T. — Overtravel; D.T. — Differential
Travel; O.P. — Operating Position.
ORDER GUIDE
INTEGRAL LEVERS
Electrical
Data And O.F. max. R.F. max. P.T. max.
O.T. min. D.T. max.
O.P.
Catalog
UL Code
newtons
newtons
mm
mm
mm
mm
Listing
Description
Page 20
ounces
ounces
inches
inches
inches
inches
311SM1-T
.285 inch (7,24mm)
5 Amps
0,39
0,07
2,16
0,51
0,48
8,64
±1,5
straight lever
J
1.4
.25
.085
.020
.019
.340
±.060
311SM23-T
As above with gold
1 Amp
0,39
0,07
2,16
0,51
0,48
8,64
±1,5
contacts
N
1.4
.25
.085
.020
.019
.340
±.060
311SM701-T
.285 inch (7,24mm)
4 Amps
0,16
0,03
2,16
0,51
0,36
8,64
±1,5
straight lever.
Lower force
S
.57
.11
.085
.020
.014
.340
±.060
Dim. Dwg. Fig. 4
311SM2-T
.565 inch (14,35mm)
5 Amps
0,31
0,05
3,05
0,66
0,69
8,51
±2
straight lever
J
1.1
.18
.120
.026
.027
.335
±.080
311SM43-T
As above with gold
1 Amp
0,31
0,05
3,05
0,66
0,69
8,51
±2
contacts
N
1.1
.18
.120
.026
.027
.335
±.080
311SM702-T
.565 inch (14,35mm)
4 Amps
0,11
0,02
3,05
0,66
0,38
8,51
±2
straight lever.
Lower force
S
.4
.07
.120
.026
.015
.335
±.080
Dim. Dwg. Fig. 5
311SM3-T
1.765 inch (44,8mm)
5 Amps
0,15
0,02
7,87
1,45
2,8
7,11
±4,3
straight lever
J
.53
.07
.310
.057
.110
.280
±.170
311SM17-H58 As above with gold
1 Amp
0,15
0,02
7,87
1,45
2,8
7,11
±4,3
contacts
N
.53
.07
.310
.057
.110
.280
±.170
311SM703-T
1.765 inch (44,8mm)
4 Amps
0,06
0,01
7,87
1,45
1,78
7,11
±4,3
straight lever.
Lower force
S
.2
.04
.310
.057
.070
.280
±170
Dim. Dwg. Fig. 6
311SM4-T
.251 inch (6,38mm)
5 Amps
0,39
0,07
2,16
0,46
0,48
11,7
±1,5
simulated roller lever
J
1.4
.25
.085
.018
.019
.460
±.060
311SM25-T
As above with gold
1 Amp
0,39
0,07
2,16
0,46
0,48
11,7
±1,5
contacts
N
1.4
.25
.085
.018
.019
.460
±.060
311SM704-T
.251 inch (6,38mm)
4 Amps
0,16
0,03
2,16
0,46
0,33
11,7
±1,5
simulated roller lever.
S
.57
.11
.085
.018
.013
.460
±.060
Lower force
Dim. Dwg. Fig. 7
311SM5-T
.535 inch (13,6mm)
5 Amps
0,31
0,05
3,05
0,66
0,69
11,56
±2
simulated roller lever
J
1.1
.18
.120
.026
.027
.455
±.080
311SM705-T
.535 inch (13,6mm)
4 Amps
0,11
0,02
3,05
0,66
0,38
11,56
±2
simulated roller lever.
S
.4
.07
.120
.026
.015
.455
±.080
Lower force
Dim. Dwg. Fig. 8
311SM6-T
.251 inch (6,38mm)
5 Amps
0,39
0,07
2,16
0,46
0,48
14,2
±1,5
roller lever
J
1.4
.25
.085
.018
.019
.560
±.060
311SM68-T
As above with gold
1 Amp
0,39
0,07
2,16
0,46
0,48
14,2
±1,5
contacts
N
1.4
.25
.085
.018
.019
.560
±.060
311SM706-T
.251 inch (6,38mm)
4 Amps
0,16
0,03
2,16
0,46
0,33
14,2
±1,5
roller lever.
Lower force
S
.57
.11
.085
.018
.013
.560
±.060
Dim. Dwg. Fig. 9
311SM7-T
.535 inch (13,6mm)
5 Amps
0,31
0,05
3,05
0,66
0,69
14,1
±2
roller lever
J
1.1
.18
.120
.026
.027
.555
±.080
Dim. Dwg. Fig. 10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com