Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-2 Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # JS-2
Description  Interactive Catalog Replaces Catalog Pages
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

JS-2 Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

  JS-2 Datasheet HTML 1Page - Honeywell Solid State Electronics Center JS-2 Datasheet HTML 2Page - Honeywell Solid State Electronics Center JS-2 Datasheet HTML 3Page - Honeywell Solid State Electronics Center JS-2 Datasheet HTML 4Page - Honeywell Solid State Electronics Center JS-2 Datasheet HTML 5Page - Honeywell Solid State Electronics Center JS-2 Datasheet HTML 6Page - Honeywell Solid State Electronics Center JS-2 Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Basic Switches
SM Series
Subminiature
30
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
Characteristics: O.F. — Operating Force; R.F. — Release Force;
P.T. — Pretravel; O.T. — Overtravel; D.T. — Differential Travel; O.P.
— Operating Position; F.P. — Free Position
* All characteristics are taken with actuator assembled to Catalog Listing 11SM3-T as
shown.
ORDER GUIDE
AUXILIARY
ACTUATORS
Switches are not
included with the
actuators.
Actuator
Length
‘‘A’’
O.F. max. R.F. min.
P.T. max.
O.T. min. D.T. max.
O.P.
F.P. max.
Catalog
mm
newtons newtons
mm
mm
mm
mm
mm
Listing
Description
inches
ounces
ounces
inches
inches
inches
inches
inches
JS-2
Straight leaf
16,8
2,78
0,56
1,98
0,38
0,38
8,89
±0,38
11,3
.66
10
2
.078
.015
.015
.350
±.015
.445
Dim. Dwg. Fig. 14
JS-5
Roller leaf
15
2,78
0,83
1,98
0,38
0,38
14,2
±0,38
16,9
(Bronze roller)
.59
10
3
.078
.015
.015
.580
±.015
.665
Dim. Dwg. Fig. 14
JS-7
Formed leaf
14,7
2,78
0,56
2,39
0,79
0,38
9,65
±0,38
12,1
(Simulated
roller)
.58
10
2
.094
.031
.015
.380
±.015
.475
Dim. Dwg. Fig. 14
JS-220
Straight lever
26,2†
0,28
0,04
3,18
0,76
0,76
10,3
—
1.03
1
.14
.125 approx.
.030
.030
.406 approx.
Dim. Dwg. Fig. 16
JS-246
Roller lever
25,4†
0,28
0,04
3,18
0,76
0,76
14,3
—
(Steel roller)
1.00
1
.14
.125 approx.
.030
.030
.562 approx.
Dim. Dwg. Fig. 16
JS-221
Formed lever
25,4†
0,28
0,04
3,18
0,76
0,76
11,6
—
(Simulated
roller)
1.00
1
.14
.125 approx.
.030
.030
.455 approx.
Dim. Dwg. Fig. 16
JS-33**
Tandem leaf
5,3
5,00
2,78
2,36
0,15
0,38
8,89
±0,38
10,5
.21
18
10
.093
.006
.015
.350
±.015
.415
JS-31**
Tandem
roller leaf
4,3
11,1
4,45
2,36
0,13
0,38
14,5
±0,38
16,1
(Bronze roller)
.17
40
16
.093
.005
.015
.570
±.015
.635
**Travel characteristics on tandem actuators vary with actual basic switch characteristics.
NOTE: Above actuators should be used below
+300°F.
See page 79 for other actuators that may be used with SM Switches at higher temperatures.
†‘‘A’’ measurement is from the pivot point of lever to the point indicated on drawing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com