Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAGJACK Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # MAGJACK
Description  MAGJACK PRODUCT GUIDE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MAGJACK Datasheet(HTML) 2 Page - Bel Fuse Inc.

  MAGJACK Datasheet HTML 1Page - Bel Fuse Inc. MAGJACK Datasheet HTML 2Page - Bel Fuse Inc. MAGJACK Datasheet HTML 3Page - Bel Fuse Inc. MAGJACK Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bel Stewart Connector 11118 Susquehanna Trail South, Glen Rock, PA 17327 • Tel 717-235-7512 • Fax 717-235-4675 • www.belstewart.com
Product Guide
Bel Stewart Connector 11118 Susquehanna Trail South, Glen Rock, PA 17327 • Tel 717-235-7512 • Fax 717-235-4675 • www.belstewart.com
Product Guide
Applications
• 10/100BT
• 10/100BT AutoMDIX
• 1GBT (10/100/1000BT) & 10GBT
• Power over Ethernet (PoE) & PoE Plus
• Extended temperature range of -40° to +85° C
• RoHS compliant, soldering = 260° C for 10 seconds
Markets
Networking equipment
• Hubs
• Switches
• Routers
• PCs
• Servers
• Workstations
• Motherboards
Equipment utilizing a network port
• NICs
• Servers
• PCs
• Consumer Devices
The MagJack® brand is a
comprehensive portfolio of
integrated devices that combine
Bel’s connectors and magnetics
to provide the signal conditioning,
EMI supression and signal isolation
previoulsy performed by multiple (7+),
discrete components. Each MagJack
employed reduces PCB real estate
use by more than 50% per RJ port.
MagJack’s combo devices provide a mix of RJ45
and USB connectors for greater design flexibility.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com