Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAGJACK Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # MAGJACK
Description  MAGJACK PRODUCT GUIDE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MAGJACK Datasheet(HTML) 3 Page - Bel Fuse Inc.

  MAGJACK Datasheet HTML 1Page - Bel Fuse Inc. MAGJACK Datasheet HTML 2Page - Bel Fuse Inc. MAGJACK Datasheet HTML 3Page - Bel Fuse Inc. MAGJACK Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Bel Stewart Connector 11118 Susquehanna Trail South, Glen Rock, PA 17327 • Tel 717-235-7512 • Fax 717-235-4675 • www.belstewart.com
Product Guide
Bel Stewart Connector 11118 Susquehanna Trail South, Glen Rock, PA 17327 • Tel 717-235-7512 • Fax 717-235-4675 • www.belstewart.com
Product Guide
Single Port Designs
• Plug tab up and plug tab down
• With or without LEDs
and bi-color
• RJ45 and USB port combinations
• Vertical mount packaging
• Low profile versions under 0.50” height
• Micro height versions under 0.45” height
• Mid-plane mount versions under 0.40” height
Electrical
Options
• IR reflow compatible, 230° C for 90 seconds
• Surge protection for GR1089 intra-building and ESD
• Extended temperature range -40° to +85° C
Optimized for 1U Advanced TCA rack applications,
Compressor MagJack breaks the 1” height barrier
with its two-tier, 0.785” (19.94mm) height package.
MagJack’s mechanical evolution continues to provide more efficient space utilization with ultra-low profile packages
and mid-plane mount versions.
Vertical-mount MagJack is
optimized for space-critical
devices such as SBCs
(single-board computers),
motherboards, daughter
cards, NICs (network
interface cards), switches,
hubs, and bridges. Applications include industrial PCs, printers,
VoIP phones, remote sensor and transducer devices, security
camera equipment, and wireless systems.
Mechanical Options
Multi-Port Designs
• With or without LEDs
and bi-color
• Multi-port configurations: 2x1 / 2x3 / 2x4 / 2x6 / 2x8
• Two-tier stacked designs under 0.785” height
������
�������
������
�������
�����������
�����������
�����������
�����������
���
������
���������
������
�������



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com