Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1968 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1968
Description  5A Load Current with 5C/W Heat Sink
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1968 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1968 Datasheet HTML 1Page - IXYS Corporation CPC1968 Datasheet HTML 2Page - IXYS Corporation CPC1968 Datasheet HTML 3Page - IXYS Corporation CPC1968 Datasheet HTML 4Page - IXYS Corporation CPC1968 Datasheet HTML 5Page - IXYS Corporation CPC1968 Datasheet HTML 6Page - IXYS Corporation CPC1968 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
e3
DS-CPC1968-R01
www.ixysic.com
1
Characteristics
Features
5A Load Current with 5°C/W Heat Sink
Low 0.35
 On-Resistance
500V
P Blocking Voltage
2500V
rms Input/Output Isolation
Low Thermal Resistance (0.3 °C/W)
Electrically Non-conductive Thermal Pad for
Heat Sink Applications
Low Drive Power Requirements
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Applications
Industrial Controls / Motor Control
Robotics
Medical Equipment—Patient/Equipment Isolation
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Transportation Equipment
Aerospace/Defense
Approvals
UL 508 Recognized Component: File E69938
Pin Configuration
Description
The CPC1968 single-pole normally open (1-Form-A)
Solid State Power Relay is rated for up to 5A
continuous load current with a 5°C/W heat sink.
Optically coupled MOSFET technology enables the
CPC1968 to provide 2500Vrms of input to output
isolation. The output, constructed with efficient
MOSFET switches and photovoltaic die, uses IXYS
Integrated Circuits Division’s patented OptoMOS
architecture while the input, a highly efficient GaAlAs
infrared LED, provides the optically coupled control.
The combination of low on-resistance and high load
current handling capability makes this relay suitable
for a variety of high performance switching
applications.
The unique ISOPLUS-264 package pioneered by
IXYS enables Solid State Relays to achieve the
highest load current and power ratings. This package
features a unique IXYS process in which the silicon
chips are soft soldered onto the Direct Copper Bond
(DCB) substrate instead of the traditional copper
leadframe. The DCB ceramic, the same substrate
used in high power modules, not only provides
2500Vrms isolation but also very low thermal
resistance (0.3 °C/W).
Ordering Information
Switching Characteristics
Parameter
Rating
Units
Blocking Voltage
500
VP
Load Current, TA=25°C:
With 5°C/W Heat Sink
5
Arms / ADC
No Heat Sink
2
On-Resistance
0.35
RJC
0.3
°C/W
Part
Description
CPC1968J
ISOPLUS-264 Package (25 per tube)
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
CPC1968
ISOPLUS™-264 Power Relay


Similar Part No. - CPC1968

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1968J IXYS-CPC1968J Datasheet
196Kb / 3P
Power Relay Branding
More results

Similar Description - CPC1968

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS216D ISOCOM-IS216D Datasheet
454Kb / 3P
Small Outline Photo DMOS-FET Relay with very high load current capabilities( 5A )
logo
Molex Electronics Ltd.
37717-0001 MOLEX-37717-0001 Datasheet
104Kb / 2P
CoolFin??Heat Sink with Integrated Heat Pipes
logo
Advanced Thermal Soluti...
ATS-52150B-C1-R0 ATS-ATS-52150B-C1-R0 Datasheet
284Kb / 1P
BGA Heat Sink - High Performance maxiFLOW w/Thermal Tape
Rev - 040517
ATS-52150G-C1-R0 ATS-ATS-52150G-C1-R0_17 Datasheet
285Kb / 1P
BGA Heat Sink - High Performance maxiFLOW w/Thermal Tape
Rev - 040517
logo
Maxim Integrated Produc...
MAXM15063 MAXIM-MAXM15063 Datasheet
1Mb / 10P
1.5W resistive load with 300mA sink capacity
Rev 0; 3/19
logo
Kinetic Technologies.
KTS1696A KINETIC-KTS1696A Datasheet
2Mb / 19P
7ARMS VBUS Current-Sink Protection Load Switch
November 2021 - Revision 04b
KTS1697A KINETIC-KTS1697A Datasheet
1Mb / 19P
7ARMS VBUS Current-Sink Protection Load Switch
January 2022 - Revision 04a
KTS1698 KINETIC-KTS1698 Datasheet
1Mb / 17P
5ARMS VBUS Current-Sink Protection Load Switch
July 2022 - Revision 04a
KTS1605 KINETIC-KTS1605 Datasheet
506Kb / 11P
5A Slew Rate Controlled Load Switch with Reverse Blocking
August 2020 - Revision 04e
logo
Microchip Technology
UCS3205 MICROCHIP-UCS3205 Datasheet
2Mb / 30P
5A, 22V Bidirectional Load Switch with Fast Role Swap
Revision A September 2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com