Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS3205 Datasheet (PDF) - Microchip Technology

UCS3205 Datasheet PDF - Microchip Technology
Part # UCS3205
Download  UCS3205 Download
File Size   2514.31 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 5A, 22V Bidirectional Load Switch with Fast Role Swap

UCS3205 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCS3205 Datasheet PDF - Microchip Technology

Part # UCS3205
Download  UCS3205 Click to download

File Size   2514.31 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 5A, 22V Bidirectional Load Switch with Fast Role Swap

UCS3205 Datasheet (HTML) - Microchip Technology


UCS3205 Product details

Description
The UCS3205 is 5A, 22V load switch with Fast Role
Swap (FRS) capability, bidirectional current capability,
configurable overcurrent limiting, auto-recovery Fault
handling, overvoltage lockout, back-voltage protection,
slew rate control, quick output discharge and a scaled
analog output of the forward current passing through
the switch.

Features
• Integrated N-Channel Load Switch
• Fast Role Swap Capability that meets the USB
Power Delivery Specification Requirements
• 2.85 to 22V Bidirectional Load Switch Input
Voltage Range (supply voltage can be
VIN or VOUT)
• 5A Continuous Current
• 30m Typical On Resistance
• Configurable Current Limit Threshold with
External Resistor
• Scaled Analog Voltage Output of Current Flowing
through Switch for External Measurement
• Auto-Recovery Fault Handling or Latch Mode
• Configurable Overvoltage Lockout
• Back-Voltage Protection
• Output Voltage Slew Rate Control
• Configurable Quick Output Discharge
• Overtemperature Protection (thermal shutdown)
• Packages: 19-Lead 3 x 3 x 0.9 mm VQFN

Applications
• USB Power Delivery
• Consumer, Industrial and Automotive Power Protection




Similar Part No. - UCS3205

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UCS350VOLT-KIT NICHICON-UCS350VOLT-KIT Datasheet
74Kb / 3P
Miniature Sized, High Ripple Current, High Reliability
logo
Unisonic Technologies
UCS3654 UTC-UCS3654 Datasheet
217Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCS3654 UTC-UCS3654 Datasheet
226Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCS3654G-D08-T UTC-UCS3654G-D08-T Datasheet
217Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCS3654G-D08-T UTC-UCS3654G-D08-T Datasheet
226Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results


Similar Description - UCS3205

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5016H MPS-MP5016H Datasheet
1Mb / 17P
2.7 - 22V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Block
logo
ON Semiconductor
NCP3902 ONSEMI-NCP3902 Datasheet
342Kb / 21P
High-Current Bidirectional Load Switch
March, 2018 ??Rev. 3
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
logo
Kinetic Technologies.
KTS1605 KINETIC-KTS1605 Datasheet
506Kb / 11P
5A Slew Rate Controlled Load Switch with Reverse Blocking
August 2020 - Revision 04e
logo
Diodes Incorporated
DPS1133 DIODES-DPS1133 Datasheet
1Mb / 16P
24V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
December 2019
DPS1135 DIODES-DPS1135 Datasheet
929Kb / 17P
24V/5A 1-CH POWER SWITCH WITH FAST ROLE SWAP
October 2020
DPS1113 DIODES-DPS1113 Datasheet
808Kb / 16P
5V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
November 2019
logo
Alpha & Omega Semicondu...
AOZ1356DI AOSMD-AOZ1356DI Datasheet
1Mb / 18P
5V/3.5A ECPower™ Protection Switch Supporting USB PD Fast Role Swap
Rev. 2.2 October 2021
AOZ1356LI AOSMD-AOZ1356LI Datasheet
1Mb / 16P
5V/3A ECPower™ Protection Switch Supporting USB PD Fast Role Swap
Rev. 1.0 October 2018
logo
Diodes Incorporated
DPS1133FIAQ DIODES-DPS1133FIAQ Datasheet
1Mb / 16P
24V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
July 2020 Rev. 2 - 2
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com