Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS1133FIAQ Datasheet (PDF) - Diodes Incorporated

DPS1133FIAQ Datasheet PDF - Diodes Incorporated
Part # DPS1133FIAQ
Download  DPS1133FIAQ Download
File Size   1138.76 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 24V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP

DPS1133FIAQ Datasheet (PDF)

Go To PDF Page Download Datasheet
DPS1133FIAQ Datasheet PDF - Diodes Incorporated

Part # DPS1133FIAQ
Download  DPS1133FIAQ Click to download

File Size   1138.76 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 24V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP

DPS1133FIAQ Datasheet (HTML) - Diodes Incorporated


DPS1133FIAQ Product details

Features
- Wide Operating Voltage Range: 4.5V to 24V
- 1-Channel Power Switch with Integrated Adjustable Current &
Voltage Limits
- Ability to Discharge the Input and Output Ports either Individually
or Simultaneously via Two External Control Pins
- Fast Short-Circuit Response Time at 2μs
- Comprehensive Built-in Fault Detection and Recovery
Mechanisms like Input Undervoltage Lock-out, Reverse Voltage
& Current Blocking, Thermal Shutdown, Overcurrent and Short-
Circuit Protection
- RDS(ON) of Embedded MOSFET at 30mΩ
- Adjustable DV/DT Control at Start-Up
- Fault Reporting (FAULTB) with Blanking Time at 7ms Typical
- Fast Role Swap Supported
- UL Recognized, File No. E322375
- IEC60950-1 CB Scheme Certified
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- The DPS1133FIAQ is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.

Applications
- Notebook, Desktop, and AIO PCs, Servers, and Tablets
- Docking Stations, Universal and Multimedia Hubs
- FPTVs, PC Monitors
- Set-Top-Boxes, Residential Gateways, Storage Devices
- Power Protection in Industrial and Automotive Applications




Similar Part No. - DPS1133FIAQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPS1133FIA-13 DIODES-DPS1133FIA-13 Datasheet
1Mb / 16P
24V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
December 2019
More results


Similar Description - DPS1133FIAQ

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1302 AMS-AMS1302 Datasheet
1Mb / 8P
Output up to 24V Internal MOSFET with high switch current up to 3A
logo
Maxim Integrated Produc...
MAX8505 MAXIM-MAX8505_V01 Datasheet
220Kb / 15P
3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
2010
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
logo
Diodes Incorporated
DPS1035 DIODES-DPS1035 Datasheet
670Kb / 11P
24V/3.5A 1-CH POWER SWITCH W/ REVERSE-VOLTAGE PROTECTION
November 2019
DPS1133 DIODES-DPS1133 Datasheet
1Mb / 16P
24V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
December 2019
DPS1135 DIODES-DPS1135 Datasheet
929Kb / 17P
24V/5A 1-CH POWER SWITCH WITH FAST ROLE SWAP
October 2020
DPS1113 DIODES-DPS1113 Datasheet
808Kb / 16P
5V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
November 2019
logo
Alpha & Omega Semicondu...
AOZ1356DI AOSMD-AOZ1356DI Datasheet
1Mb / 18P
5V/3.5A ECPower™ Protection Switch Supporting USB PD Fast Role Swap
Rev. 2.2 October 2021
AOZ1356LI AOSMD-AOZ1356LI Datasheet
1Mb / 16P
5V/3A ECPower™ Protection Switch Supporting USB PD Fast Role Swap
Rev. 1.0 October 2018
logo
Microchip Technology
UCS3205 MICROCHIP-UCS3205 Datasheet
2Mb / 30P
5A, 22V Bidirectional Load Switch with Fast Role Swap
Revision A September 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com