Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS1035 Datasheet (PDF) - Diodes Incorporated

DPS1035 Datasheet PDF - Diodes Incorporated
Part # DPS1035
Download  DPS1035 Download
File Size   670.59 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 24V/3.5A 1-CH POWER SWITCH W/ REVERSE-VOLTAGE PROTECTION

DPS1035 Datasheet (PDF)

Go To PDF Page Download Datasheet
DPS1035 Datasheet PDF - Diodes Incorporated

Part # DPS1035
Download  DPS1035 Click to download

File Size   670.59 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 24V/3.5A 1-CH POWER SWITCH W/ REVERSE-VOLTAGE PROTECTION

DPS1035 Datasheet (HTML) - Diodes Incorporated


DPS1035 Product details

Features
Wide Operating Voltage Range: 4.5V to 24V
1-Channel Power Switch with Built-In Fault Detection and
Recovery Mechanisms like Input Under-Voltage Lockout,
Reverse-Voltage and Current Blocking, Thermal Shutdown and
Input Over-Voltage Protection
RDS(ON) of Embedded Power MOSFET at 30mΩ
Adjustable DV/DT Control at Start-Up
Manual Discharge ON/OFF Control for IN and OUT Ports
Fault Reporting (FAULTB) with Blanking Time at 7ms Typical
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control




Similar Part No. - DPS1035

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
DPS1004 EIC-DPS1004 Datasheet
76Kb / 2P
SILICON BRIDGE RECTIFIERS
Rev. 02:October 17, 2005
logo
List of Unclassifed Man...
DPS10131AK2 ETC2-DPS10131AK2 Datasheet
265Kb / 2P
Kontaktbahnen mit abriebfester Hartgoldauflage
More results


Similar Description - DPS1035

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2405T6Q NEC-UPG2405T6Q Datasheet
90Kb / 9P
1 W SP3T SWITCH
logo
STMicroelectronics
EVAL-VNH5019-P2 STMICROELECTRONICS-EVAL-VNH5019-P2 Datasheet
88Kb / 3P
Reverse-voltage protection
05-Jun-2014
logo
Dialog Semiconductor
SLG59M1639V DIALOG-SLG59M1639V Datasheet
407Kb / 11P
Reverse-current/voltage Protection
logo
Semtech Corporation
RCLAMP2451ZA SEMTECH-RCLAMP2451ZA_17 Datasheet
440Kb / 8P
1-Line, 24V ESD Protection
logo
Maxim Integrated Produc...
MAX14914EVKIT MAXIM-MAX14914EVKIT Datasheet
1Mb / 10P
Reverse Supply Voltage Protection
Rev 1; 8/20
MAX14912EVKIT MAXIM-MAX14912EVKIT Datasheet
5Mb / 24P
Reverse-Voltage Protection
Rev 0; 3/16
logo
Diodes Incorporated
DPS1133 DIODES-DPS1133 Datasheet
1Mb / 16P
24V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
December 2019
DPS1135 DIODES-DPS1135 Datasheet
929Kb / 17P
24V/5A 1-CH POWER SWITCH WITH FAST ROLE SWAP
October 2020
logo
New Japan Radio
NJM11100 NJRC-NJM11100 Datasheet
5Mb / 20P
Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
logo
Diodes Incorporated
DPS1133FIAQ DIODES-DPS1133FIAQ Datasheet
1Mb / 16P
24V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
July 2020 Rev. 2 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com