Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS3205 Datasheet(PDF) 1 Page - Microchip Technology

Part # UCS3205
Description  5A, 22V Bidirectional Load Switch with Fast Role Swap
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS3205 Datasheet(HTML) 1 Page - Microchip Technology

  UCS3205 Datasheet HTML 1Page - Microchip Technology UCS3205 Datasheet HTML 2Page - Microchip Technology UCS3205 Datasheet HTML 3Page - Microchip Technology UCS3205 Datasheet HTML 4Page - Microchip Technology UCS3205 Datasheet HTML 5Page - Microchip Technology UCS3205 Datasheet HTML 6Page - Microchip Technology UCS3205 Datasheet HTML 7Page - Microchip Technology UCS3205 Datasheet HTML 8Page - Microchip Technology UCS3205 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
 2020 Microchip Technology Inc.
DS20006433A-page 1
UCS3205
Features
• Integrated N-Channel Load Switch
• Fast Role Swap Capability that meets the USB
Power Delivery Specification Requirements
• 2.85 to 22V Bidirectional Load Switch Input
Voltage Range (supply voltage can be
VIN or VOUT)
• 5A Continuous Current
•30 m
 Typical On Resistance
• Configurable Current Limit Threshold with
External Resistor
• Scaled Analog Voltage Output of Current Flowing
through Switch for External Measurement
• Auto-Recovery Fault Handling or Latch Mode
• Configurable Overvoltage Lockout
• Back-Voltage Protection
• Output Voltage Slew Rate Control
• Configurable Quick Output Discharge
• Overtemperature Protection (thermal shutdown)
• Packages: 19-Lead 3 x 3 x 0.9 mm VQFN
Applications
• USB Power Delivery
• Consumer, Industrial and Automotive Power
Protection
Description
The UCS3205 is 5A, 22V load switch with Fast Role
Swap (FRS) capability, bidirectional current capability,
configurable overcurrent limiting, auto-recovery Fault
handling, overvoltage lockout, back-voltage protection,
slew rate control, quick output discharge and a scaled
analog output of the forward current passing through
the switch.
Package Type
ISEN
15
14
13
2
3
4
12
8
GND
EN
DIR
LATCH
FAULT#
VOV
GND
DSC
FRS
1
5
69
7
10
11
UCS3205
19-Lead 3 x 3 x 0.9 mm VQFN
5A, 22V Bidirectional Load Switch with Fast Role Swap


Similar Part No. - UCS3205

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UCS350VOLT-KIT NICHICON-UCS350VOLT-KIT Datasheet
74Kb / 3P
Miniature Sized, High Ripple Current, High Reliability
logo
Unisonic Technologies
UCS3654 UTC-UCS3654 Datasheet
217Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCS3654 UTC-UCS3654 Datasheet
226Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCS3654G-D08-T UTC-UCS3654G-D08-T Datasheet
217Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCS3654G-D08-T UTC-UCS3654G-D08-T Datasheet
226Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results

Similar Description - UCS3205

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5016H MPS-MP5016H Datasheet
1Mb / 17P
2.7 - 22V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Block
logo
ON Semiconductor
NCP3902 ONSEMI-NCP3902 Datasheet
342Kb / 21P
High-Current Bidirectional Load Switch
March, 2018 ??Rev. 3
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
logo
Kinetic Technologies.
KTS1605 KINETIC-KTS1605 Datasheet
506Kb / 11P
5A Slew Rate Controlled Load Switch with Reverse Blocking
August 2020 - Revision 04e
logo
Diodes Incorporated
DPS1133 DIODES-DPS1133 Datasheet
1Mb / 16P
24V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
December 2019
DPS1135 DIODES-DPS1135 Datasheet
929Kb / 17P
24V/5A 1-CH POWER SWITCH WITH FAST ROLE SWAP
October 2020
DPS1113 DIODES-DPS1113 Datasheet
808Kb / 16P
5V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
November 2019
logo
Alpha & Omega Semicondu...
AOZ1356DI AOSMD-AOZ1356DI Datasheet
1Mb / 18P
5V/3.5A ECPower™ Protection Switch Supporting USB PD Fast Role Swap
Rev. 2.2 October 2021
AOZ1356LI AOSMD-AOZ1356LI Datasheet
1Mb / 16P
5V/3A ECPower™ Protection Switch Supporting USB PD Fast Role Swap
Rev. 1.0 October 2018
logo
Diodes Incorporated
DPS1133FIAQ DIODES-DPS1133FIAQ Datasheet
1Mb / 16P
24V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
July 2020 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com