Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS3205 Datasheet(PDF) 14 Page - Microchip Technology

Part # UCS3205
Description  5A, 22V Bidirectional Load Switch with Fast Role Swap
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS3205 Datasheet(HTML) 14 Page - Microchip Technology

Back Button UCS3205 Datasheet HTML 10Page - Microchip Technology UCS3205 Datasheet HTML 11Page - Microchip Technology UCS3205 Datasheet HTML 12Page - Microchip Technology UCS3205 Datasheet HTML 13Page - Microchip Technology UCS3205 Datasheet HTML 14Page - Microchip Technology UCS3205 Datasheet HTML 15Page - Microchip Technology UCS3205 Datasheet HTML 16Page - Microchip Technology UCS3205 Datasheet HTML 17Page - Microchip Technology UCS3205 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
UCS3205
DS20006433A-page 14
 2020 Microchip Technology Inc.
4.0
FUNCTIONAL DESCRIPTION
The UCS3205 is a single-channel load switch with highly
integrated load protection for applications up to 22V.
The device protects the power supply with its configurable
current limit feature. The current limit threshold is set with
an external resistor. The same pin can be connected to
external measurement or detection circuitry, such as an
ADC, comparator or MCU, eliminating the need for a
shunt in the power path.
The UCS3205 protects the load from being supplied by
voltages higher than intended (overvoltage lockout). It
also has a thermal shutdown circuit, which will shut the
switch off when junction temperature exceeds the limit.
The device implements Fast Role Swap (FRS) capability
and reverse current blocking that can be disabled via the
DIR pin, allowing it to work as a bidirectional switch
depending on the application requirements. The
device’s DIR pin is normally grounded for Fast Role
Swap applications. The FRS pin is normally
grounded for bidirectional current flow applications.
This device can be programmed to either latch off or
retry in the event of a Fault.
4.1
Mode Control
Figure 4-1 shows the UCS3205 state diagram.
4.1.1
RESET MODE
When the UCS3205 is in the Reset state, the device is
in its lowest current consumption state. The port power
switch is off. The FAULT# pin is not asserted. If the
FAULT# pin is asserted prior to entering Reset state, it
will be released. When in Reset mode, a low-to-high
transition on the EN pin will start the transition of the
UCS3205 to its next state. If there are no Faults
detected and t > t STRT_CLD has elapsed, the UCS3205
will transition into the Operating state. If there is an
Overvoltage, Back-Voltage, Short-Circuit, Overcurrent,
or Thermal Shutdown Fault, the device will transition
into the Fault state.
4.1.2
OPERATING MODE
In order for the UCS3205 to enter Operating mode,
VIN/VOUT must be above VIN_STRT/VOUT_STRT for
tSTRT_EN, before the low-to-high transition on EN,
before turning on the switch can take place. Once the
switch is on, the VIN voltage can be decreased to
2.85V. Whenever the UCS3205 is in Operating mode,
the port power switch will be on. In this case, the
FAULT# pin is not asserted. If the FAULT# pin is
asserted prior to entering Reset state, it will be
released. The UCS3205 cannot be in the Operating
state if any of the following conditions exist:
• Overvoltage, Short-Circuit, Overcurrent, Thermal
Shutdown or Back-Voltage Fault
•VIN < VUV_HIGH
•EN < VIH
When in Operating mode, a high-to-low transition on
the EN pin will make the UCS3205 transition into the
Reset state. If any Fault conditions occur while in the
Operating state, the UCS3205 will automatically
transition into the Fault state.
4.1.3
FAULT MODE
The UCS3205 automatically enters the Fault state from
the Operating and Retry states when any of the
following events are detected:
• An Overvoltage (OV) condition on the VIN pin
(see Section 4.4 “VIN Overvoltage Detection”).
• A Short-Circuit (SC) condition (see Section 4.3
“Short-Circuit Detection”).
• An Overcurrent (OC) condition (see Section 4.2
“Overcurrent Detection”).
• Maximum allowable internal die temperature is
exceeded – Thermal Shutdown (TSD) (see
Section 4.8 “Thermal Shutdown”).
• A Back-Voltage (BV) condition (see Section 4.7
“Back-Voltage Detection”).
The UCS3205 enters the Fault state from the Reset
state when there is a low-to-high transition on the EN
pin and any of the following events are detected:
• Maximum allowable internal die temperature is
exceeded
• Back-Voltage condition,
• Short-Circuit condition on the VOUT pin
• Overcurrent condition on the VOUT pin
• Overvoltage condition on the VIN pin
When the UCS3205 is in Fault mode, the port power
switch will be off and the FAULT# pin is asserted.
4.1.4
RETRY MODE
The only way for the UCS3205 to enter the Retry state
is from the Fault state and the LATCH pin must be low.
When the UCS3205 is in Retry mode, the port power
switch will be on and the FAULT# pin is asserted (see
Figure 4-5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com