Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS3205 Datasheet(PDF) 18 Page - Microchip Technology

Part # UCS3205
Description  5A, 22V Bidirectional Load Switch with Fast Role Swap
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS3205 Datasheet(HTML) 18 Page - Microchip Technology

Back Button UCS3205 Datasheet HTML 14Page - Microchip Technology UCS3205 Datasheet HTML 15Page - Microchip Technology UCS3205 Datasheet HTML 16Page - Microchip Technology UCS3205 Datasheet HTML 17Page - Microchip Technology UCS3205 Datasheet HTML 18Page - Microchip Technology UCS3205 Datasheet HTML 19Page - Microchip Technology UCS3205 Datasheet HTML 20Page - Microchip Technology UCS3205 Datasheet HTML 21Page - Microchip Technology UCS3205 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
UCS3205
DS20006433A-page 18
 2020 Microchip Technology Inc.
FIGURE 4-4:
Fast Role Swap – Aborted.
4.10
Output Discharge
To perform output discharge, the digital logic sends a
signal to connect the internal current source between
the VOUT pins and ground.
The output discharge can be done only when the
switch is off, so only when the EN pin is low or after a
Fault condition has been detected.
The DSC pin controls the output discharge behavior
according to the Table 4-1.
4.11
Automatic Output Discharge
The VOUT pin is automatically discharged if the DSC
pin is VIH while:
• The EN pin transitions from high-to-low, or
• A Fault condition has been detected.
The automatic output discharge ends when:
• The EN pin transitions from low-to-high, or
• The auto-recovery Fault handling starts, or
• The discharge timer reaches tDISCHARGE, or
• The DSC pin transitions from high-to-low, or
• Overtemperature is detected. Overtemperature
threshold during discharge is +170°C.
4.12
Triggered Output Discharge
To enable the external triggered output discharge, the
DSC pin must be normally connected to ground, but
pulled high temporarily when the output needs to be
discharged.
The output is discharged when the EN pin is pulled low
and the DSC pin is pulled high.
The output discharge ends when:
• The DSC pin transitions from high-to-low, or
• The EN pin transitions from low-to-high, or
• The discharge timer reaches tDISCHARGE, or
• Overtemperature is detected. Overtemperature
threshold during discharge is +170°C.
T = 200 μs
FRS
FRS pulled high to
wake up UCS3205
Milliseconds,
hours or days
elapsed
EN
PD controller detects FRS
request and arms UCS3205
If DIR =
0, BVD is
and will end up in Fault
state.
If DIR =
1, UCS3205 will do a basic start-up as EN = 1
and FRS =
0 (no BVD Fault)
VOUT
VIN
DIR =
1 => Basic Switch On
DIR =
0 => Switch Stays
=> Fault
FRS
aborted
TABLE 4-1:
OUTPUT DISCHARGE
CONFIGURATION
DSC Pin State
Output Discharge Behavior
Always low
The output is never discharged.
Always high
Automatic output discharge.
Temporarily high
when EN is low,
under external
circuit control
External triggered output
discharge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com