Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS3205 Datasheet(PDF) 24 Page - Microchip Technology

Part # UCS3205
Description  5A, 22V Bidirectional Load Switch with Fast Role Swap
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS3205 Datasheet(HTML) 24 Page - Microchip Technology

Back Button UCS3205 Datasheet HTML 20Page - Microchip Technology UCS3205 Datasheet HTML 21Page - Microchip Technology UCS3205 Datasheet HTML 22Page - Microchip Technology UCS3205 Datasheet HTML 23Page - Microchip Technology UCS3205 Datasheet HTML 24Page - Microchip Technology UCS3205 Datasheet HTML 25Page - Microchip Technology UCS3205 Datasheet HTML 26Page - Microchip Technology UCS3205 Datasheet HTML 27Page - Microchip Technology UCS3205 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
UCS3205
DS20006433A-page 24
 2020 Microchip Technology Inc.
RECOMMENDED LAND PATTERN
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
E
X1
C1
C3
C2
C4
X2
Y2
Y1
ØV
G1
G2
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
1.35
0.80
MILLIMETERS
0.50 BSC
MIN
E
MAX
3.10
Contact Pad Length (X19)
Contact Pad Width (X19)
Y1
X1
0.65
0.30
NOM
C1
Contact Pad Spacing
3.10
Contact Pad to Contact Pad (X14)
G1
0.20
Thermal Via Diameter
V
0.33
C4
Contact Pad to Thermal Via (X2)
1.38
C3
Contact Pad to Thermal Via (X2)
1.03
Center Pad to Center Pad
G2
0.27
SILK SCREEN
1
2
19
Microchip Technology Drawing C04-3273 Rev A
19-Lead Very Thin Plastic Quad Flat, No Lead Package (Q8A) - 3x3x0.9 mm Body [VQFN]
With Dual Exposed Pads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com