Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS3205 Datasheet(PDF) 17 Page - Microchip Technology

Part # UCS3205
Description  5A, 22V Bidirectional Load Switch with Fast Role Swap
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS3205 Datasheet(HTML) 17 Page - Microchip Technology

Back Button UCS3205 Datasheet HTML 13Page - Microchip Technology UCS3205 Datasheet HTML 14Page - Microchip Technology UCS3205 Datasheet HTML 15Page - Microchip Technology UCS3205 Datasheet HTML 16Page - Microchip Technology UCS3205 Datasheet HTML 17Page - Microchip Technology UCS3205 Datasheet HTML 18Page - Microchip Technology UCS3205 Datasheet HTML 19Page - Microchip Technology UCS3205 Datasheet HTML 20Page - Microchip Technology UCS3205 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
 2020 Microchip Technology Inc.
DS20006433A-page 17
UCS3205
4.9
Fast Role Swap (FRS)
The Fast Role Swap circuit enables the application to
change the role of sinking current to sourcing current
within the allowed time defined by the USB Power
Delivery Specification. The FRS circuit is pre-enabled
when the FRS pin is pulled high for the duration of
tFRS_PREARM and remains in this Ready state as long
as the FRS pin remains high. All Fault protections
remain active, but the FAULT# pin and associated Fault
Handling states are not asserted unless EN = 1.
Pre-enabling the FRS is valid only in a Reset state
(EN = 0). A low-to-high FRS transition received while
EN = 1 will not affect operation. If FRS = 1 and in a
Reset state (EN = 0), the UCS3205 will then monitor
the EN pin for a low-to-high transition. A low-to-high
transition on EN will fully enable the FRS circuit and the
switch will be turned on in tFRS_SWAP after VOUT drops
below VIN. When tFRS_SWAP elapses, the application’s
VOUT voltage will be above 90% of the VIN voltage. Any
high-to-low transitions on the FRS pin are ignored
during FRS conditions. A high-to-low transition on EN
will turn off the switch and exit FRS. See Figure 4-2,
Figure 4-3, and Figure 4-4.
FIGURE 4-2:
Fast Role Swap – Nominal Operation.
FIGURE 4-3:
Fast Role Swap – FRS Circuitry Remains Awake.
T = 200 μs
FRS
FRS pulled high to
wake up UCS3205
Milliseconds,
hours or days
elapsed
FRS transi on
Controller pulls FRS low with
EN to get low-IQ or to allow
next start-up to be normal (non-
FRS)
EN
PD controller detects FRS
request and arms UCS3205
T < 150 μs is possible for
fast falling VOUT
FRS =
0 has no
once the
switch is on
T = 200 μs
FRS
FRS pulled high to
wake up UCS3205
Milliseconds,
hours or days
elapsed
FRS transi on
EN
PD controller detects FRS
request and arms UCS3205
T << 150 μs total
UCS3205 will enter Reset state but
internal analog circuitry will stay
(woken up) and ready for next FRS
request. No BVD Fault response
(anyway, switch is
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com