Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS3205 Datasheet(PDF) 15 Page - Microchip Technology

Part # UCS3205
Description  5A, 22V Bidirectional Load Switch with Fast Role Swap
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS3205 Datasheet(HTML) 15 Page - Microchip Technology

Back Button UCS3205 Datasheet HTML 11Page - Microchip Technology UCS3205 Datasheet HTML 12Page - Microchip Technology UCS3205 Datasheet HTML 13Page - Microchip Technology UCS3205 Datasheet HTML 14Page - Microchip Technology UCS3205 Datasheet HTML 15Page - Microchip Technology UCS3205 Datasheet HTML 16Page - Microchip Technology UCS3205 Datasheet HTML 17Page - Microchip Technology UCS3205 Datasheet HTML 18Page - Microchip Technology UCS3205 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
 2020 Microchip Technology Inc.
DS20006433A-page 15
UCS3205
4.2
Overcurrent Detection
An OC (Overcurrent) signal is sent to the digital logic
when the voltage on the ISEN pin exceeds
VSEN = 0.512V. The value of the resistor that must be
connected to the ISEN pin to set the current limit
threshold can be calculated with the following equation:
EQUATION 4-1:
OVERCURRENT
THRESHOLD
For ILIM_MAX = 5.5A (to allow 5A continuous current),
the result is RILIM_MAX =470.
For ILIM_MIN = 0.55A (to allow 0.5A continuous current),
the result is RILIM_MIN =4.7 k.
4.3
Short-Circuit Detection
A SC (Short Circuit) signal is sent to the digital logic
when the voltage on the ISEN pin exceeds
VSEN = 0.820V. This corresponds to a current level that
is 160% of ILIM_MAX.
The short-circuit current limit threshold can be calculated
with the following equation:
EQUATION 4-2:
SHORT-CIRCUIT
THRESHOLD
Thus, for ILIM_MAX = 5.5A (RILIM_MAX = 470), the SC
signal will be sent if the current exceeds 8.8A. For
ILIM_MIN = 0.55A (RILIM_MIN = 4.7 k), the SC signal will
be sent if the current exceeds 0.88A.
4.4
VIN Overvoltage Detection
An OV (Overvoltage) signal is sent to the digital logic
when the voltage on the VOV pin is higher than
VREF = 1.25V. The overvoltage threshold can be con-
figured by selecting the resistor values of the voltage
divider connected to VIN.
4.5
LATCH and DSC Functionality
The LATCH pin controls the retry function. If the LATCH
pin is high at the time when a Fault is detected, the
digital logic remains in a Fault state until the EN pin is
toggled low-to-high and the Fault recovery procedure
begins. If the LATCH pin is low, the device enters into
Auto-Retry mode by running the Fault recovery proce-
dure every tRETRY, until no Fault condition is detected
or until the EN pin is pulled low.
If the DSC pin is high and the switch is off, the
UCS3205 discharges the output for the duration of
tDISCHARGE unless the DSC pin is pulled low (the DSC
pin overrides the discharge timer).
4.6
Fault and Enable Functionality for
Combined Mode
Combined mode is implemented on HUBs that have a
limited amount of pins in multiple port applications. To
alleviate this, both the FAULT and EN pins of the
UCS3205 are connected to PRTCTL of the HUB, which
is internally pulled up.
The HUB must have enough time to Acknowledge a
Fault. The UCS3205 will keep Fault asserted low for
the duration of tFAULT_ACK while EN is low (switched
off).
4.7
Back-Voltage Detection
Back-voltage detection is only valid when the power
switch is on (EN = 1). When the power switch is on
(EN = 1) and the DIR pin is a logic ‘0’, a BV (Back-
Voltage) signal is sent to the digital logic when the output
voltage (on the VOUT pin) is higher than the input
voltage (on the VIN pin) by more than VBV_FAULT_ON.
When the DIR pin is a logic ‘1’, back-voltage detection
is disabled, so the current through the switch is allowed
to flow in either direction; from VIN to VOUT (forward
direction) or from VOUT to VIN (reverse direction). The
FRS pin of the UCS3205 must be grounded for appli-
cations where this functionality is needed. Please note,
the UCS3205 does not monitor or limit the current in
the reverse direction.
4.8
Thermal Shutdown
The thermal shutdown circuitry sends the Thermal
Shutdown (TSD) signal to the digital logic when the die
temperature exceeds TTSD. It has a hysteresis of
TTSD_HYST.
RILIM
VSEN
ILIM
5000
------------
------------
=
0.512 5000
ILIM
-------------------------------
=
ISC
VSEN 5000
RILIM
-------------------------------
=
0.820 5000
RILIM
-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com