Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS3205 Datasheet(PDF) 27 Page - Microchip Technology

Part # UCS3205
Description  5A, 22V Bidirectional Load Switch with Fast Role Swap
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS3205 Datasheet(HTML) 27 Page - Microchip Technology

Back Button UCS3205 Datasheet HTML 22Page - Microchip Technology UCS3205 Datasheet HTML 23Page - Microchip Technology UCS3205 Datasheet HTML 24Page - Microchip Technology UCS3205 Datasheet HTML 25Page - Microchip Technology UCS3205 Datasheet HTML 26Page - Microchip Technology UCS3205 Datasheet HTML 27Page - Microchip Technology UCS3205 Datasheet HTML 28Page - Microchip Technology UCS3205 Datasheet HTML 29Page - Microchip Technology UCS3205 Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
 2020 Microchip Technology Inc.
DS20006433A-page 27
UCS3205
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XXX
Package
Temperature
Range
Device
Examples:
a) UCS3205T-E/Q8A:
Tape and Reel,
Extended Temperature,
19-Lead VQFN Package
b) UCS3205-E/Q8A:
Extended Temperature,
19-Lead VQFN Package
c) UCS3205T-E/Q8AVAO:
Tape and Reel,
Extended Temperature,
19-Lead VQFN Package,
Automotive Qualified
d) UCS3205-E/Q8AVAO:
Extended Temperature,
19-Lead VQFN Package,
Automotive Qualified
Note 1: Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes
and is not printed on the device package.
Check with your Microchip Sales Office
for package availability with the Tape and
Reel option.
[X](1)
Tape and Reel
Option
Device:
UCS3205: 5A, 22V Bidirectional Load Switch with
Fast Role Swap
Tape and Reel
Option:
Blank = Standard Packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
E= -40
C to +125C (Extended)
Package:
Q8A
= Plastic Quad Flat, No Lead Package,
3 x 3 x 0.9 mm Body with Dual Exposed
Pads, 19-Lead VQFN
Qualification:
Blank = Standard Qualification
VAO = AEC-Q100 Automotive Qualification
/XXX
Qualification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com