Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS3205 Datasheet(PDF) 19 Page - Microchip Technology

Part # UCS3205
Description  5A, 22V Bidirectional Load Switch with Fast Role Swap
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS3205 Datasheet(HTML) 19 Page - Microchip Technology

Back Button UCS3205 Datasheet HTML 15Page - Microchip Technology UCS3205 Datasheet HTML 16Page - Microchip Technology UCS3205 Datasheet HTML 17Page - Microchip Technology UCS3205 Datasheet HTML 18Page - Microchip Technology UCS3205 Datasheet HTML 19Page - Microchip Technology UCS3205 Datasheet HTML 20Page - Microchip Technology UCS3205 Datasheet HTML 21Page - Microchip Technology UCS3205 Datasheet HTML 22Page - Microchip Technology UCS3205 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
 2020 Microchip Technology Inc.
DS20006433A-page 19
UCS3205
4.13
Fault Handling
A Fault state means that at least one of the following
conditions has occurred:
• Short Circuit (SC signal),
• Overcurrent (OC signal),
• Overvoltage (OV signal),
• Thermal Shutdown (TSD signal), or
• Back-Voltage (BV signal) – Fault DOES NOT
apply when the Power Switch is off (EN = 0).
When the Fault state is detected, the digital logic turns
off the switch and asserts the FAULT# pin.
At the time when the Fault is detected, the UCS3205
discharges the output for the duration of tDISCHARGE. If
the LATCH pin is VIH at the time when the Fault is
detected, the digital logic remains in the Fault state until
the EN pin is toggled low-to-high, the Fault conditions
are no longer present (OV, TSD, BV) and the Fault
recovery procedure begins.
If the LATCH pin is VIL at the time when the Fault is
detected, the UCS3205 subsequently enters Auto-Retry
mode, where it runs the Fault recovery procedure every
tRETRY, until no Fault condition (Overvoltage [OV signal],
Thermal Shutdown [TSD signal], Back-Voltage [BV
signal if DIR = 0]) is detected or until the EN pin is pulled
low.
Figure 4-5 shows the Auto-Retry mode (LATCH pulled
low) Fault recovery timing in the case of a short circuit.
At the end of the Fault recovery procedure, if none of
the Fault conditions are met, the FAULT# pin is
deasserted and the power switch is turned on.
FIGURE 4-5:
Auto-Retry Mode Fault Recovery Timing – Short-Circuit Case.
VOUT
IOUT
Short
applied.
tDISCHARGE
VTST
Check short
condition. Short
still present.
FAULT# state
maintained.
Wait tRETRY.
400 µs
tRETRY
FAULT #
Short detected. VOUT
discharged. Enter Fault
state.
- Short Circuit (SC signal) – t
MASK does NOT apply
- Thermal Shutdown (TSD signal) – t
MASK does NOT apply
- Back-Voltage (BV signal) – t
MASK does NOT apply
- Overvoltage (OV signal ) – t
MASK does NOT apply
- Overcurrent (OC signal) – t
MASK implemented
SW_EN
ON
OFF
ON
OFF
tREADY
400 µs
Check short condition.
Short removed. Return to
normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com