Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS3205 Datasheet(PDF) 16 Page - Microchip Technology

Part # UCS3205
Description  5A, 22V Bidirectional Load Switch with Fast Role Swap
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS3205 Datasheet(HTML) 16 Page - Microchip Technology

Back Button UCS3205 Datasheet HTML 12Page - Microchip Technology UCS3205 Datasheet HTML 13Page - Microchip Technology UCS3205 Datasheet HTML 14Page - Microchip Technology UCS3205 Datasheet HTML 15Page - Microchip Technology UCS3205 Datasheet HTML 16Page - Microchip Technology UCS3205 Datasheet HTML 17Page - Microchip Technology UCS3205 Datasheet HTML 18Page - Microchip Technology UCS3205 Datasheet HTML 19Page - Microchip Technology UCS3205 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
UCS3205
DS20006433A-page 16
 2020 Microchip Technology Inc.
FIGURE 4-1:
UC3205 State Diagram.
RESET
OPERATING
RETRY
SW OFF
FAULT# =
1
SW ON
FAULT# = 1
SW ON
FAULT# = 0
EN =
0
FAULT
SW OFF
FAULT# = 0
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
1
1
1
0
VIN > VIN_STRT for t > tSTRT_EN then
EN = 1 and
FAULT_DETECT = 0 and
t > tSTRT_CLD
EN = 0
EN = 0
EN = 0
VIN > VUV_HIGH
EN = 1 and
FAULT_DETECT = 0 and
t > tSTRT_CLD
(LATCH = 1 and
EN = 0 for t > tDIG_HOLD to EN = 1 and
DSC = 0 and
t > tFAULT_ACK and
FAULT_DETECT = 0)
OR
(LATCH = 1 and
EN = 0 for t > tDIG_HOLD to EN = 1 and
DSC = 1 and
t > tFAULT_ACK and
t > tDISCHARGE and
FAULT_DETECT = 0)
FAULT_DETECT = 1
FAULT_DETECT = 1
(LATCH = 0 and
DSC = 1 and
t > tRETRY and
t > tDISCHARGE)
OR
(LATCH = 0 and
DSC = 0 and
t > tRETRY)
EN = 1
AND
FAULT_DETECT = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com