Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1968J Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1968J
Description  5A Load Current with 5C/W Heat Sink
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1968J Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1968J Datasheet HTML 1Page - IXYS Corporation CPC1968J Datasheet HTML 2Page - IXYS Corporation CPC1968J Datasheet HTML 3Page - IXYS Corporation CPC1968J Datasheet HTML 4Page - IXYS Corporation CPC1968J Datasheet HTML 5Page - IXYS Corporation CPC1968J Datasheet HTML 6Page - IXYS Corporation CPC1968J Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
4
www.ixysic.com
R01
CPC1968
3
Performance Data @ 25°C (Unless Otherwise Noted)
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not
indicated in the written specifications, please contact our application department.
LED Forward Voltage (V)
1.215
1.220
1.225
1.230
1.235
1.240
0
5
10
15
20
25
30
35
40
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
3.7
4.0
4.3
4.6
4.9
5.2
5.5
5.8
0
5
10
15
20
25
Typical Turn-On Time
(N=50, I
F=20mA, IL=1A)
Turn-Off Time (ms)
0.060 0.065 0.070 0.075 0.080 0.085 0.090
0
5
10
15
20
25
30
Typical Turn-Off Time
(N=50, I
F=20mA, IL=1A)
On-Resistance (
Ω)
0.260 0.265 0.270 0.275 0.280 0.285 0.290
0
5
10
15
20
25
Typical On-Resistance Distribution
(N=50, I
F=10mA, IL=1A)
Blocking Voltage (V
P)
540
545
550
555
560
565
570
575
0
5
10
15
20
25
Typical Blocking Voltage Distribution
(N=50, I
F=0mA, IL=10µA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
LED Current (mA)
0
1020
304050
0
5
10
15
20
Typical Turn-On Time
vs. LED Forward Current
(I
L=1A)
LED Current (mA)
0
1020
304050
60
65
70
75
80
Typical Turn-Off Time
vs. LED Forward Current
(I
L=1A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
4
6
8
10
12
14
Typical Turn-On Time
vs. Temperature
(V
L=10V)
I
F=10mA
I
F=20mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
40
45
50
55
60
65
70
75
80
Typical Turn-Off Time
vs. Temperature
(V
L=10V)
I
F=20mA
I
F=10mA
LED Forward Current (mA)
1.65 1.90 2.15 2.40 2.65 2.90 3.15 3.40
0
5
10
15
20
Typical I
F for Switch Operation
(N=50, I
L=1A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
2
4
6
8
10
12
Typical I
F for Switch Operation
vs. Temperature
(I
L=1A)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com