Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1968J Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC1968J
Description  5A Load Current with 5C/W Heat Sink
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1968J Datasheet(HTML) 5 Page - IXYS Corporation

  CPC1968J Datasheet HTML 1Page - IXYS Corporation CPC1968J Datasheet HTML 2Page - IXYS Corporation CPC1968J Datasheet HTML 3Page - IXYS Corporation CPC1968J Datasheet HTML 4Page - IXYS Corporation CPC1968J Datasheet HTML 5Page - IXYS Corporation CPC1968J Datasheet HTML 6Page - IXYS Corporation CPC1968J Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
R01
www.ixysic.com
5
CPC1968
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not
indicated in the written specifications, please contact our application department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.20
0.25
0.30
0.35
0.40
0.45
0.50
Typical On-Resistance
vs. Temperature
(I
F=20mA, IL=1A)
Load Voltage (V)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-6
-4
-2
0
2
4
6
Typical Load Current
vs. Load Voltage
(I
F=20mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
30
35
40
Leakage Current vs. Temperature
Measured Across Pins 1&2
(I
F=0mA, VL=500VP)
Load Voltage (V)
0
50
100
150
200
0
500
1000
1500
2000
2500
3000
3500
Output Capacitance
vs. Load Voltage
(I
F=0mA, f=1MHz)
Time
10
μs 100μs 1ms 10ms 100ms 1s
10s
100s
0
5
10
15
20
25
30
Energy Rating Curve
Temperature (ºC)
020
40
60
80
100
0
2
4
6
8
10
12
Maximum Load Current
vs. Temperature
(I
F=20mA)
Heat Sink
1ºC/W
5ºC/W
10ºC/W
Free Air
Temperature (ºC)
-40
-20
0
20
40
60
80
100
520
530
540
550
560
570
580
590
Typical Blocking Voltage
vs. Temperature
(I
L=50μA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com