Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBC34813 Datasheet(PDF) 9 Page - Cymbet Corporation

Part # CBC34813
Description  SPI Real-Time Clock/Calendar with Integrated Backup Power
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC34813 Datasheet(HTML) 9 Page - Cymbet Corporation

  CBC34813 Datasheet HTML 1Page - Cymbet Corporation CBC34813 Datasheet HTML 2Page - Cymbet Corporation CBC34813 Datasheet HTML 3Page - Cymbet Corporation CBC34813 Datasheet HTML 4Page - Cymbet Corporation CBC34813 Datasheet HTML 5Page - Cymbet Corporation CBC34813 Datasheet HTML 6Page - Cymbet Corporation CBC34813 Datasheet HTML 7Page - Cymbet Corporation CBC34813 Datasheet HTML 8Page - Cymbet Corporation CBC34813 Datasheet HTML 9Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CBC34813 EnerChip™ RTC
©2013 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-38 V.01
Page 9 of 9
Preliminary
Cymbet, the Cymbet Logo, and EnerChip are Cymbet Corporation Trademarks
Disclaimer of Warranties; As Is
The information provided in this data sheet is provided “As Is” and Cymbet Corporation disclaims all representations or warranties of any
kind, express or implied, relating to this data sheet and the Cymbet EnerChip product described herein, including without limitation, the
implied warranties of merchantability, fitness for a particular purpose, non-infringement, title, or any warranties arising out of course of
dealing, course of performance, or usage of trade. Cymbet EnerChip products are not authorized for use in life critical applications. Users
shall confirm suitability of the Cymbet EnerChip product in any products or applications in which the Cymbet EnerChip product is adopted
for use and are solely responsible for all legal, regulatory, and safety-related requirements concerning their products and applications and
any use of the Cymbet EnerChip product described herein in any such product or applications.
Ordering Information
EnerChip RTC Part Number
Description
Notes
CBC34813-M5C
EnerChip RTC in 5mm x 5mm x
1.4mm 16-QFN Land Grid Array
Shipped in Tube
CBC34813-M5C-TR1
CBC34813-M5C-TR5
EnerChip RTC in 5mm x 5mm x
1.4mm 16-QFN Land Grid Array
Tape-and-Reel - 1000 pcs (TR1) or
5000 pcs (TR5) per reel
CBC-EVAL-12-34813
EnerChip RTC Evaluation Kit
USB based Eval Kit with
CBC34813 tab board
U.S. Patent No. 8,144,508. Additional U.S. and Foreign Patents Pending



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com