Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBC34813 Datasheet(PDF) 3 Page - Cymbet Corporation

Part # CBC34813
Description  SPI Real-Time Clock/Calendar with Integrated Backup Power
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC34813 Datasheet(HTML) 3 Page - Cymbet Corporation

  CBC34813 Datasheet HTML 1Page - Cymbet Corporation CBC34813 Datasheet HTML 2Page - Cymbet Corporation CBC34813 Datasheet HTML 3Page - Cymbet Corporation CBC34813 Datasheet HTML 4Page - Cymbet Corporation CBC34813 Datasheet HTML 5Page - Cymbet Corporation CBC34813 Datasheet HTML 6Page - Cymbet Corporation CBC34813 Datasheet HTML 7Page - Cymbet Corporation CBC34813 Datasheet HTML 8Page - Cymbet Corporation CBC34813 Datasheet HTML 9Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CBC34813 EnerChip™ RTC
©2013 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-38 V.01
Page 3 of 9
Preliminary
Pin Number
Label
Description
1
XO
Crystal output
2
VCAP
External capacitor connection to supply switchover current at cold temp.
(optional)
3
nIRQ2
Interrupt 2 / Output
4
nCE
RTC SPI chip select
5
VSS
Ground
6
VCHG
4.1V (typical) charging source - connect to VBAT and/or optional
EnerChip(s)
7
VEC
Positiveterminalofintegratedthinfilmbattery-connecttoonlytoVCHG
via PCB trace
8
SDO
SPI-bus data output
9
SDI
SPI-bus data input
10
SCL
SPI-bus interface clock
11
AF
Autocalibrationfilter
12
FOUT/nIRQ
Interrupt 1 / Function output
13
VDD
Supply voltage; positive or negative steps in VDD can affect oscillator per-
formance; recommend 100nF decoupling close to the device (see Fig. 30)
14
RESET/
Output signal indicating RTC is operating in backup power mode
15
EN
Charge pump enable; activates VCHG 4.1V (typ.) charging source
16
XI
Crystal input
CBC34813 Input/Output Descriptions
EnerChip Properties
Energy capacity (typical):
5µAh
Recharge time to 80%:
<15 minutes
Charge/discharge cycles:
>5000 to 10% depth-of-discharge
Operating temperature:
-10°C to +70°C
Storage temperature:
-40°C to +125°C
Minimum VDD to charge EnerChip:
2.5V
Figure 4: CBC34813 Package (left: top view, looking through package; right: pad dimensions)
Package
Dimensions
(mm)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com