Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2015698-2 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 2015698-2
Description  UMCC ??Ultraminiature Coax Connector & Cable Assembly Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2015698-2 Datasheet(HTML) 3 Page - Tyco Electronics

  2015698-2 Datasheet HTML 1Page - Tyco Electronics 2015698-2 Datasheet HTML 2Page - Tyco Electronics 2015698-2 Datasheet HTML 3Page - Tyco Electronics 2015698-2 Datasheet HTML 4Page - Tyco Electronics 2015698-2 Datasheet HTML 5Page - Tyco Electronics 2015698-2 Datasheet HTML 6Page - Tyco Electronics 2015698-2 Datasheet HTML 7Page - Tyco Electronics 2015698-2 Datasheet HTML 8Page - Tyco Electronics 2015698-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SPECIFICATIONS
UMCC – Ultraminiature Coax Connector & Cable Assembly Series
Page 3
CABLE INFORMATION
0.81 mm Diameter
1.13 mm Diameter
1.32mm Diameter
1.37mm Diameter
MATERIALS:
Center Conductor
Silver Plated Copper
Silver Plated Copper
Silver Plated Copper
Silver Plated Copper
Size
Stranded 7/0.05 mm
Stranded 7/0.08 mm
Stranded 7/0.08 mm
Stranded 7/0.10 mm
Dielectric
FEP or PFA
FEP
FEP
FEP
Size
0.40 mm OD
0.62 mm OD
0.66 mm OD
0.83 mm OD
Shield
Silver Plated Copper Braid
Silver Plated Copper Braid
Double SPL Braid
Silver Plated Copper Braid
Coverage
> 90%
> 90%
> 90%
> 90%
Jacket
FEP or PFA
FEP
> 90%
> 90%
Size
0.81 mm OD
1.13 mm OD
1.32 mm OD
1.37 mm OD
MECHANICAL:
Minimum Bend Radius
5 mm Single Bend
5 mm Single Bend
5 mm Single Bend
5 mm Single Bend
30 mm Continuous Flexing
30 mm Continuous Flexing
30 mm Continuous Flexing
30 mm Continuous Flexing
ELECTRICAL:
Impedance (Ohms)
50±2
50±2
50±2
50±2
Velocity of Propagation
70%
70%
70%
70%
CC Resistance (Ohms/M)
1.450
0.750
0.560
0.354
Voltage Rating
60 VAC
60 VAC
60 VAC
60 VAC
Attenuation
See Chart
See Chart
See Chart
See Chart
Dimensions are millimeters over inches unless otherwise specified.
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Frequency (GHz)
1.37mm OD
1.32mm OD
1.13mm OD
0.81mm OD
UMCC CABLE ATTENUATION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com