Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2015698-2 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 2015698-2
Description  UMCC ??Ultraminiature Coax Connector & Cable Assembly Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2015698-2 Datasheet(HTML) 5 Page - Tyco Electronics

  2015698-2 Datasheet HTML 1Page - Tyco Electronics 2015698-2 Datasheet HTML 2Page - Tyco Electronics 2015698-2 Datasheet HTML 3Page - Tyco Electronics 2015698-2 Datasheet HTML 4Page - Tyco Electronics 2015698-2 Datasheet HTML 5Page - Tyco Electronics 2015698-2 Datasheet HTML 6Page - Tyco Electronics 2015698-2 Datasheet HTML 7Page - Tyco Electronics 2015698-2 Datasheet HTML 8Page - Tyco Electronics 2015698-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Interseries Cable Assemblies
UMCC – Ultraminiature Coax Connector & Cable Assembly Series
Page 5
Part Number
Description
Cable Dia
Length
UMCC Conn
Mated Height
Type
(H)
2032438-1
UMCC Plug to FME Plug
1.37mm
200mm
III
2.5mm
2032439-1
UMCC Plug to SMA Plug
1.37mm
200mm
III
2.5mm
2032440-1
UMCC Plug to SMA Blkhd Jack
1.37mm
200mm
III
2.5mm
2032441-1
UMCC Plug to MCX R/A Plug
0.81mm
200mm
II
2.0mm
2032442-1
UMCC Plug to MCX R/A Plug
1.37mm
200mm
III
2.5mm
2032443-1
UMCC Plug to MMCX R/A Plug
0.81mm
200mm
II
2.0mm
2032444-1
UMCC Plug to MMCX R/A Plug
1.37mm
200mm
III
2.5mm
200mm
20mm REF
200mm
20mm REF
20mm REF
200mm
200mm
20mm REF
200mm
20mm REF
Custom cable assembly lengths and connector confrgurations are available.
Contact Tyco Electronics with specific requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com