Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2525B Datasheet(PDF) 9 Page - ams AG

Part # AS2525B
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525B Datasheet(HTML) 9 Page - ams AG

Back Button AS2525B Datasheet HTML 5Page - ams AG AS2525B Datasheet HTML 6Page - ams AG AS2525B Datasheet HTML 7Page - ams AG AS2525B Datasheet HTML 8Page - ams AG AS2525B Datasheet HTML 9Page - ams AG AS2525B Datasheet HTML 10Page - ams AG AS2525B Datasheet HTML 11Page - ams AG AS2525B Datasheet HTML 12Page - ams AG AS2525B Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Datasheet AS2525
austriamicrosystems
Revision 2.1
Page 8 of 27
Table 5: User programming with PIN code
Function
Symbol
Procedure
Options
Call Restriction 1
CR1
[PG] + [1] + (PIN) + [
∗] + [1] +
Key in two digits, use [MT] for blank
Call Restriction 2
CR2
[PG] + [1] + (PIN) + [
∗] + [2] +
Key in two digits, use [MT] for blank
Key Lock
[PG] + [1] + (PIN) + [#] + [6] +
[0] = unlocked and [1] = locked
Clear All Memories
[PG] + [1] + (PIN) + [#] + [7] +
Press [1] to clear
Reset To Factory
Settings
[PG] + [1] + (PIN) + [#] + [8] +
Press [1] to reset
Change PIN Code
PIN
[PG] + [1] + (PIN) + [0] +
Key in new PIN + new PIN
Press [PG] to store setting and terminate procedure
Table 6: Mode programming
Function
Symbol
Procedure
Options
Select Flash
FL
[PG] + [2] +
[0] = Flash 1 and [1] = Flash 2
Select Dialing Mode1
DM
[PG] + [3] +
[0] = LD (pulse) and [1] = MF (DTMF)
Select Pause Time
P
[PG] + [4] +
[0] = Pause 1 and [1] = Pause 2
Easy Key Lock2
[PG] + [5] + [3] + [9]
Toggles between locked and unlocked
Ringer Volume
[PG] + [6] +
[1] = -16 dB, [2] = -7 dB, and [3] = 0 dB (maximum)
Ringer Melody
[PG] + [7] +
[0], [1], [2], [3], or [4]
LCD Contrast
V33
[PG] + [8] +
[1], [2], or [3] (see also AS2591 data sheet)
Bell On/Off
[PG] + [9] +
[0] = Off and [1] = On
Press [PG] to store setting and terminate procedure
1 Only when DM/HM pin is set to HM
2 Also selectable with jumper (see application note AN525)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com