Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2525B Datasheet(PDF) 25 Page - ams AG

Part # AS2525B
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525B Datasheet(HTML) 25 Page - ams AG

Back Button AS2525B Datasheet HTML 20Page - ams AG AS2525B Datasheet HTML 21Page - ams AG AS2525B Datasheet HTML 22Page - ams AG AS2525B Datasheet HTML 23Page - ams AG AS2525B Datasheet HTML 24Page - ams AG AS2525B Datasheet HTML 25Page - ams AG AS2525B Datasheet HTML 26Page - ams AG AS2525B Datasheet HTML 27Page - ams AG AS2525B Datasheet HTML 28Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Datasheet AS2525
austriamicrosystems
Revision 2.1
Page 24 of 27
Test Circuit
10 µ
LS
RI
STB
LI
CS
Vss
CS1
M1
M2
RO
DO
AGND
VPP
VDD
LO1
LO2
RECI
RECV
DPn
DI
CLK
CS2
22 µ
30 ohm
300 ohm
6 k
10 µ
1 µ
BC
327
10 V
1 k
150 ohm
ILINE
B
UL
600 ohm
A
100 µ
CM
CI
22 µ
32 ohm
VsSA
SS
28
19
20
27
23
21
8
10
18
22
2
1
41
42
43
44
29
26
16
13
12
14
11
25
17
15
BC
327
HF
3
HS
4
LED
32
DM/HM
30
15 n
15 n
M3
M4
1 k
7
9
15 n
15 n
10 µ
FT1
FT2
CBN
5
6
24
FCI
31
R1
34
R2
35
R3
36
C1
37
C2
38
C3
39
C4
40
3.58 MHz
OSC
33
10 k
10 k
100 n
10 µ
100 n
10 µ
10 µ
Figure 10: Test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com