Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM50TL-24NF Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CM50TL-24NF
Description  Six IGBTMOD NF-Series Module 50 Amperes/1200 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM50TL-24NF Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CM50TL-24NF Datasheet HTML 1Page - Powerex Power Semiconductors CM50TL-24NF Datasheet HTML 2Page - Powerex Power Semiconductors CM50TL-24NF Datasheet HTML 3Page - Powerex Power Semiconductors CM50TL-24NF Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CM50TL-24NF
Six IGBTMOD™ NF-Series Module
50 Amperes/1200 Volts
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
4
10/10 Rev. 1
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT & FWDi)
100
10-5
10-4
10-3
10-1
10-2
10-3
10-3
10-2
10-1
100
101
10-1
10-2
10-3
Single Pulse
TC = 25°C
Per Unit Base =
Rth(j-c) =
0.32°C/W
(IGBT)
Rth(j-c) =
0.43°C/W
(FWDi)
GATE RESISTANCE, R
G, (Ω)
102
100
101
101
100
VCC = 600V
VGE = ±15V
IC = 50A
Tj = 125°C
Inductive Load
C Snubber at Bus
102
SWITCHING LOSS VS.
GATE RESISTANCE
(TYPICAL)
ESW(on)
ESW(off)
GATE RESISTANCE, R
G, (Ω)
102
100
101
101
100
VCC = 600V
VGE = ±15V
IE = 50A
Tj = 125°C
Inductive Load
C Snubber at Bus
102
REVERSE RECOVERY SWITCHING LOSS VS.
GATE RESISTANCE
(TYPICAL)
EMITTER CURRENT, I
E, (AMPERES)
101
100
101
100
10-1
VCC = 600V
VGE = ±15V
RG = 6.3Ω
Tj = 125°C
Inductive Load
C Snubber at Bus
102
REVERSE RECOVERY SWITCHING LOSS VS.
EMITTER CURRENT
(TYPICAL)
Err
Err
GATE CHARGE, Q
G, (nC)
GATE CHARGE VS. VGE
20
0
16
12
8
4
0
80
160
240
400
320
VCC = 600V
VCC = 400V
IC = 50A
EMITTER CURRENT, I
E, (AMPERES)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
103
100
101
102
101
103
102
101
102
VCC = 600V
VGE = ±15V
RG = 6.3Ω
Tj = 25°C
Inductive Load
Irr
trr
COLLECTOR CURRENT, I
C, (AMPERES)
101
100
101
100
10-1
VCC = 600V
VGE = ±15V
RG = 6.3Ω
Tj = 125°C
Inductive Load
C Snubber at Bus
102
SWITCHING LOSS VS.
COLLECTOR CURRENT
(TYPICAL)
ESW(on)
ESW(off)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com