Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM50TL-24NF Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CM50TL-24NF
Description  Six IGBTMOD NF-Series Module 50 Amperes/1200 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM50TL-24NF Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CM50TL-24NF Datasheet HTML 1Page - Powerex Power Semiconductors CM50TL-24NF Datasheet HTML 2Page - Powerex Power Semiconductors CM50TL-24NF Datasheet HTML 3Page - Powerex Power Semiconductors CM50TL-24NF Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CM50TL-24NF
Six IGBTMOD™ NF-Series Module
50 Amperes/1200 Volts
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
3
10/10 Rev. 1
Thermal and Mechanical Characteristics,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case*
Rth(j-c)Q
Per IGBT 1/6 Module
—
—
0.32
°C/W
Thermal Resistance, Junction to Case*
Rth(j-c)D
Per FWDi 1/6 Module
—
—
0.43
°C/W
Contact Thermal Resistance
Rth(c-f)
Per 1/6 Module, Thermal Grease Applied
—
—
0.085
°C/W
External Gate Resistance
RG
6.3
—
96
Ω
*TC, Tf measured point is just under the chips.
COLLECTOR-EMITTER VOLTAGE, V
CE, (VOLTS)
CAPACITANCE VS. VCE
(TYPICAL)
100
102
102
101
100
10-2
10-1
101
0
1
3
4
2
5
100
101
EMITTER-COLLECTOR VOLTAGE, V
EC, (VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
102
103
GATE-EMITTER VOLTAGE, V
GE, (VOLTS)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
10
6
8
10
14
12
16
18
20
8
6
4
2
0
Tj = 25°C
Tj = 25°C
Tj = 125°C
VGE = 0V
Cies
Coes
Cres
IC = 100A
IC = 50A
IC = 20A
COLLECTOR-EMITTER VOLTAGE, V
CE, (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
0
2
4
6
8
10
0
VGE = 20V
10
11
12
13
15
9
Tj = 25°C
100
25
50
75
COLLECTOR-CURRENT, I
C, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
4
3
0
2
1
0
100
50
25
75
VGE = 15V
Tj = 25°C
Tj = 125°C
10-1
COLLECTOR CURRENT, I
C, (AMPERES)
103
100
101
102
100
101
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
td(off)
td(on)
tr
VCC = 600V
VGE = ±15V
RG = 6.3Ω
Tj = 125°C
Inductive Load
tf
102



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com