Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7702MA Datasheet(PDF) 13 Page - Texas Instruments

Part # LMP7702MA
Description  LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7702MA Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP7702MA Datasheet HTML 9Page - Texas Instruments LMP7702MA Datasheet HTML 10Page - Texas Instruments LMP7702MA Datasheet HTML 11Page - Texas Instruments LMP7702MA Datasheet HTML 12Page - Texas Instruments LMP7702MA Datasheet HTML 13Page - Texas Instruments LMP7702MA Datasheet HTML 14Page - Texas Instruments LMP7702MA Datasheet HTML 15Page - Texas Instruments LMP7702MA Datasheet HTML 16Page - Texas Instruments LMP7702MA Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
10 Ps/DIV
VS = 5V
f = 10 kHz
AV = +10
VIN = 400 mVPP
RL = 10 k:
CL = 10 pF
10 Ps/DIV
VS = 5V
f = 10 kHz
AV = +10
VIN = 100 mVPP
RL = 10 k:
CL = 10 pF
10 Ps/DIV
VS = 5V
f = 10 kHz
AV = +1
VIN = 2 VPP
RL = 10 k:
CL = 10 pF
10 Ps/DIV
VS = 5V
f = 10 kHz
AV = +1
VIN = 100 mVPP
RL = 10 k:
CL = 10 pF
100
100
10k
1M
100M
FREQUENCY (Hz)
-60
-20
40
10M
100k
1k
80
60
20
0
-40
GAIN
PHASE
VS = 5V
CL = 20 pF
RL = 10 k:
225
-135
-45
90
180
135
45
0
-90
125°C
-40°C
25°C
125°C
-40°C
25°C
100
100
10k
1M
100M
FREQUENCY (Hz)
-60
-20
40
10M
100k
1k
80
60
20
0
-40
GAIN
PHASE
VS = 10V
CL = 20 pF
VS = 3V
CL = 100 pF
VS = 3V, 5V, 10V
CL = 20 pF, 50 pF, 100 pF
RL = 10 k:
225
-135
-45
90
180
135
45
0
-90
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9H – SEPTEMBER 2005 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, VCM = VS/2, RL > 10 kΩ.
Open Loop Frequency Response
Open Loop Frequency Response
Figure 30.
Figure 31.
Large Signal Step Response
Small Signal Step Response
Figure 32.
Figure 33.
Large Signal Step Response
Small Signal Step Response
Figure 34.
Figure 35.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com