Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7702MA Datasheet(PDF) 3 Page - Texas Instruments

Part # LMP7702MA
Description  LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7702MA Datasheet(HTML) 3 Page - Texas Instruments

  LMP7702MA Datasheet HTML 1Page - Texas Instruments LMP7702MA Datasheet HTML 2Page - Texas Instruments LMP7702MA Datasheet HTML 3Page - Texas Instruments LMP7702MA Datasheet HTML 4Page - Texas Instruments LMP7702MA Datasheet HTML 5Page - Texas Instruments LMP7702MA Datasheet HTML 6Page - Texas Instruments LMP7702MA Datasheet HTML 7Page - Texas Instruments LMP7702MA Datasheet HTML 8Page - Texas Instruments LMP7702MA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9H – SEPTEMBER 2005 – REVISED MARCH 2013
Operating Ratings
(1)
Temperature Range (2)
−40°C to +125°C
Supply Voltage (VS = V
+ – V−)
2.7V to 12V
Package Thermal Resistance (
θJA
(2))
5-Pin SOT-23
265°C/W
8-Pin SOIC
190°C/W
8-Pin VSSOP
235°C/W
14-Pin SOIC
145°C/W
14-Pin TSSOP
122°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics Tables.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
3V Electrical Characteristics
(1)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 3V, V− = 0V, V
CM = V
+/2, and R
L > 10 kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Min (2)
Typ (3)
Max (2)
Units
VOS
Input Offset Voltage
LMP7701
±37
±200
±500
μV
LMP7702/LMP7704
±56
±220
±520
TCVOS
Input Offset Voltage Temperature Drift
(4)
±1
±5
μV/°C
IB
Input Bias Current
(4) (5)
±0.2
±1
−40°C ≤ TA ≤ 85°C
±50
pA
(4) (5)
±0.2
±1
−40°C ≤ TA ≤ 125°C
±400
IOS
Input Offset Current
40
fA
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 3V
86
130
LMP7701
80
dB
0V
≤ VCM ≤ 3V
84
130
LMP7702/LMP7704
78
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 12V, Vo = V+/2
86
98
dB
82
CMVR
Common Mode Voltage Range
CMRR
≥ 80 dB
–0.2
3.2
V
CMRR
≥ 77 dB
–0.2
3.2
AVOL
Open Loop Voltage Gain
RL = 2 kΩ (LMP7701)
100
114
VO = 0.3V to 2.7V
96
RL = 2 kΩ (LMP7702/LMP7704)
100
114
dB
VO = 0.3V to 2.7V
94
RL = 10 kΩ
100
124
VO = 0.2V to 2.8V
96
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using the
Statistical Quality Control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(4)
This parameter is specified by design and/or characterization and is not tested in production.
(5)
Positive current corresponds to current flowing into the device.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com