Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32GA002 Datasheet(PDF) 37 Page - Microchip Technology

Part # 32GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

32GA002 Datasheet(HTML) 37 Page - Microchip Technology

Back Button 32GA002 Datasheet HTML 33Page - Microchip Technology 32GA002 Datasheet HTML 34Page - Microchip Technology 32GA002 Datasheet HTML 35Page - Microchip Technology 32GA002 Datasheet HTML 36Page - Microchip Technology 32GA002 Datasheet HTML 37Page - Microchip Technology 32GA002 Datasheet HTML 38Page - Microchip Technology 32GA002 Datasheet HTML 39Page - Microchip Technology 32GA002 Datasheet HTML 40Page - Microchip Technology 32GA002 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 268 page
background image
TABLE 4-6:
TIMER REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TMR1
0100
Timer1 Register
0000
PR1
0102
Timer1 Period Register
FFFF
T1CON
0104
TON
—TSIDL
—
—
—
—
—
—
TGATE
TCKPS1
TCKPS0
—
TSYNC
TCS
—
0000
TMR2
0106
Timer2 Register
0000
TMR3HLD
0108
Timer3 Holding Register (for 32-bit timer operations only)
0000
TMR3
010A
Timer3 Register
0000
PR2
010C
Timer2 Period Register
FFFF
PR3
010E
Timer3 Period Register
FFFF
T2CON
0110
TON
—TSIDL
—
—
—
—
—
—
TGATE
TCKPS1
TCKPS0
T32
—TCS
—
0000
T3CON
0112
TON
—TSIDL
—
—
—
—
—
—
TGATE
TCKPS1
TCKPS0
—
—TCS
—
0000
TMR4
0114
Timer4 Register
0000
TMR5HLD
0116
Timer5 Holding Register (for 32-bit operations only)
0000
TMR5
0118
Timer5 Register
0000
PR4
011A
Timer4 Period Register
FFFF
PR5
011C
Timer5 Period Register
FFFF
T4CON
011E
TON
—TSIDL
—
—
—
—
—
—
TGATE
TCKPS1
TCKPS0
T32
—TCS
—
0000
T5CON
0120
TON
—TSIDL
—
—
—
—
—
—
TGATE
TCKPS1
TCKPS0
—
—TCS
—
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-7:
INPUT CAPTURE REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
IC1BUF
0140
Input 1 Capture Register
FFFF
IC1CON
0142
—
—ICSIDL
—
—
—
—
—
ICTMR
ICI1
ICI0
ICOV
ICBNE
ICM2
ICM1
ICM0
0000
IC2BUF
0144
Input 2 Capture Register
FFFF
IC2CON
0146
—
—ICSIDL
—
—
—
—
—
ICTMR
ICI1
ICI0
ICOV
ICBNE
ICM2
ICM1
ICM0
0000
IC3BUF
0148
Input 3 Capture Register
FFFF
IC3CON
014A
—
—ICSIDL
—
—
—
—
—
ICTMR
ICI1
ICI0
ICOV
ICBNE
ICM2
ICM1
ICM0
0000
IC4BUF
014C
Input 4 Capture Register
FFFF
IC4CON
014E
—
—ICSIDL
—
—
—
—
—
ICTMR
ICI1
ICI0
ICOV
ICBNE
ICM2
ICM1
ICM0
0000
IC5BUF
0150
Input 5 Capture Register
FFFF
IC5CON
0152
—
—ICSIDL
—
—
—
—
—
ICTMR
ICI1
ICI0
ICOV
ICBNE
ICM2
ICM1
ICM0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com