Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32GA002 Datasheet(PDF) 38 Page - Microchip Technology

Part # 32GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

32GA002 Datasheet(HTML) 38 Page - Microchip Technology

Back Button 32GA002 Datasheet HTML 34Page - Microchip Technology 32GA002 Datasheet HTML 35Page - Microchip Technology 32GA002 Datasheet HTML 36Page - Microchip Technology 32GA002 Datasheet HTML 37Page - Microchip Technology 32GA002 Datasheet HTML 38Page - Microchip Technology 32GA002 Datasheet HTML 39Page - Microchip Technology 32GA002 Datasheet HTML 40Page - Microchip Technology 32GA002 Datasheet HTML 41Page - Microchip Technology 32GA002 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 268 page
background image
TABLE 4-8:
OUTPUT COMPARE REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
OC1RS
0180
Output Compare 1 Secondary Register
FFFF
OC1R
0182
Output Compare 1 Register
FFFF
OC1CON
0184
—
—OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM2
OCM1
OCM0
0000
OC2RS
0186
Output Compare 2 Secondary Register
FFFF
OC2R
0188
Output Compare 2 Register
FFFF
OC2CON
018A
—
—OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM2
OCM1
OCM0
0000
OC3RS
018C
Output Compare 3 Secondary Register
FFFF
OC3R
018E
Output Compare 3 Register
FFFF
OC3CON
0190
—
—OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM2
OCM1
OCM0
0000
OC4RS
0192
Output Compare 4 Secondary Register
FFFF
OC4R
0194
Output Compare 4 Register
FFFF
OC4CON
0196
—
—OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM2
OCM1
OCM0
0000
OC5RS
0198
Output Compare 5 Secondary Register
FFFF
OC5R
019A
Output Compare 5 Register
FFFF
OC5CON
019C
—
—OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM2
OCM1
OCM0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-9:
I2C™ REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
I2C1RCV
0200
—
—
—
—
—
—
—
—
Receive Register 1
0000
I2C1TRN
0202
—
—
—
—
—
—
—
—
Transmit Register 1
00FF
I2C1BRG
0204
—
—
—
—
—
—
—
Baud Rate Generator Register 1
0000
I2C1CON
0206
I2CEN
—
I2CSIDL
SCLREL
IPMIEN
A10M
DISSLW
SMEN
GCEN
STREN
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
1000
I2C1STAT
0208
ACKSTAT TRSTAT
—
—
—
BCL
GCSTAT
ADD10
IWCOL
I2COV
D/A
PS
R/W
RBF
TBF
0000
I2C1ADD
020A
—
—
—
—
—
—
Address Register 1
0000
I2C1MSK
020C
—
—
—
—
—
—
AMSK9
AMSK8
AMSK7
AMSK6
AMSK5
AMSK4
AMSK3
AMSK2
AMSK1
AMSK0
0000
I2C2RCV
0210
—
—
—
—
—
—
—
—
Receive Register 2
0000
I2C2TRN
0212
—
—
—
—
—
—
—
—
Transmit Register 2
00FF
I2C2BRG
0214
—
—
—
—
—
—
—
Baud Rate Generator Register 2
0000
I2C2CON
0216
I2CEN
—
I2CSIDL
SCLREL
IPMIEN
A10M
DISSLW
SMEN
GCEN
STREN
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
1000
I2C2STAT
0218
ACKSTAT TRSTAT
—
—
—
BCL
GCSTAT
ADD10
IWCOL
I2COV
D/A
PS
R/W
RBF
TBF
0000
I2C2ADD
021A
—
—
—
—
—
—
Address Register 2
0000
I2C2MSK
021C
—
—
—
—
—
—
AMSK9
AMSK8
AMSK7
AMSK6
AMSK5
AMSK4
AMSK3
AMSK2
AMSK1
AMSK0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com