Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32GA002 Datasheet(PDF) 174 Page - Microchip Technology

Part # 32GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

32GA002 Datasheet(HTML) 174 Page - Microchip Technology

Back Button 32GA002 Datasheet HTML 170Page - Microchip Technology 32GA002 Datasheet HTML 171Page - Microchip Technology 32GA002 Datasheet HTML 172Page - Microchip Technology 32GA002 Datasheet HTML 173Page - Microchip Technology 32GA002 Datasheet HTML 174Page - Microchip Technology 32GA002 Datasheet HTML 175Page - Microchip Technology 32GA002 Datasheet HTML 176Page - Microchip Technology 32GA002 Datasheet HTML 177Page - Microchip Technology 32GA002 Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 268 page
background image
PIC24FJ64GA004 FAMILY
DS39881D-page 174
 2010 Microchip Technology Inc.
FIGURE 18-2:
LEGACY PARALLEL SLAVE PORT EXAMPLE
FIGURE 18-3:
ADDRESSABLE PARALLEL SLAVE PORT EXAMPLE
TABLE 18-1:
SLAVE MODE ADDRESS RESOLUTION
FIGURE 18-4:
MASTER MODE, DEMULTIPLEXED ADDRESSING (SEPARATE READ AND
WRITE STROBES, SINGLE CHIP SELECT)
PMA<1:0>
Output Register (Buffer)
Input Register (Buffer)
00
PMDOUT1<7:0> (0)
PMDIN1<7:0> (0)
01
PMDOUT1<15:8> (1)
PMDIN1<15:8> (1)
10
PMDOUT2<7:0> (2)
PMDIN2<7:0> (2)
11
PMDOUT2<15:8> (3)
PMDIN2<15:8> (3)
PMD<7:0>
PMRD
PMWR
Master
Address Bus
Data Bus
Control Lines
PMCS1
PMD<7:0>
PMRD
PMWR
PIC24F Slave
PMCS1
PMD<7:0>
PMRD
PMWR
Master
PMCS1
PMA<1:0>
Address Bus
Data Bus
Control Lines
PMRD
PMWR
PIC24F Slave
PMCS1
PMDOUT1L (0)
PMDOUT1H (1)
PMDOUT2L (2)
PMDOUT2H (3)
PMDIN1L (0)
PMDIN1H (1)
PMDIN2L (2)
PMDIN2H (3)
PMD<7:0>
Write
Address
Decode
Read
Address
Decode
PMA<1:0>
PMRD
PMWR
PMD<7:0>
PMCS1
PMA<10:0>
PIC24F
Address Bus
Data Bus
Control Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com