Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2513I Datasheet(PDF) 22 Page - Microchip Technology

Part # USB2513I
Description  USB 2.0 Hi-Speed Hub Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2513I Datasheet(HTML) 22 Page - Microchip Technology

Back Button USB2513I Datasheet HTML 18Page - Microchip Technology USB2513I Datasheet HTML 19Page - Microchip Technology USB2513I Datasheet HTML 20Page - Microchip Technology USB2513I Datasheet HTML 21Page - Microchip Technology USB2513I Datasheet HTML 22Page - Microchip Technology USB2513I Datasheet HTML 23Page - Microchip Technology USB2513I Datasheet HTML 24Page - Microchip Technology USB2513I Datasheet HTML 25Page - Microchip Technology USB2513I Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 2.2 (02-17-12)
22
SMSC USB251xB/xBi
DATASHEET
3.3.1
Configuring the Strap Pins
If a pin's strap function is enabled thru the hub configuration selection, (Table 5.1: Initial
Interface/Configuration Options on page 26) the strap pins must be pulled either high or low using the
values provided in Table 3.4. Each strap option is dependent on the pin’s buffer type, as outlined in
the sections that follow.
3.3.1.1
Non-Removable
If a strap pin’s buffer type is I/O, an external pull-up or pull-down must be implemented as shown in
Figure 3.4. Use Strap High to set the strap option to 1 and Stap Low to set the strap option to 0. When
implementing the Strap Low option, no additional components are needed (i.e., the internal pull-down
provides the resistor)
Figure 3.4 Non-Removable Pin Strap Example
3.3.1.2
Internal Pull-Down (IPD)
If a strap pin’s buffer type is IPD (pins BC_EN[x:1]), one of the two hardware configurations outlined
below must be implemented. Use the Strap High configuration to set the strap option value to 1 and
Strap Low to set the strap option value to 0.
Figure 3.5 Pin Strap Option with IPD Pin Example
Table 3.4 Strap Option Summary
STRAP OPTION
RESISTOR VALUE
BUFFER TYPE
NOTES
Non-Removable
47 - 100 k
Ω
I/O
Internal Pull-Down
10 k
Ω
IPD
Only applicable to port power pins
Contains a built-in resistor
LED
47 - 100 k
Ω
I/O
HUB
HUB
I/O Strap Pin
Strap High
+V
I/O Strap Pin
Strap Low
GND
R k
Ω
R k
Ω
HUB
HUB
IPD Strap Pin
Strap High
R k
Ω
+V
VSS
IPD Strap Pin
Strap Low
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com