Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2513I Datasheet(PDF) 41 Page - Microchip Technology

Part # USB2513I
Description  USB 2.0 Hi-Speed Hub Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2513I Datasheet(HTML) 41 Page - Microchip Technology

Back Button USB2513I Datasheet HTML 37Page - Microchip Technology USB2513I Datasheet HTML 38Page - Microchip Technology USB2513I Datasheet HTML 39Page - Microchip Technology USB2513I Datasheet HTML 40Page - Microchip Technology USB2513I Datasheet HTML 41Page - Microchip Technology USB2513I Datasheet HTML 42Page - Microchip Technology USB2513I Datasheet HTML 43Page - Microchip Technology USB2513I Datasheet HTML 44Page - Microchip Technology USB2513I Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251xB/xBi
41
Revision 2.2 (02-17-12)
DATASHEET
5.1.32
Register FFh: Status/Command
5.2
I2C EEPROM
The SMSC hub can be configured via a 2-wire (I2C) EEPROM (256x8). See Table 5.1 for details on
enabling the I2C EEPROM interface. The I2C EEPROM interface implements a subset of the I2C
Master Specification
(refer to the Philips Semiconductor Standard I2C-Bus Specification I2C protocol
for details). The hub’s interface is designed to attach to a single dedicated I2C EEPROM which
conforms to the Standard-mode I2C specification (100 kbit/s transfer rate and 7-bit addressing) for
protocol and electrical compatibility. The I2C EEPROM shares the same pins as the SMBus interface,
therefore the SMBus interface is not available when the I2C EEPROM interface has been enabled (and
vice versa).
The hub acts as the master and generates the serial clock SCL, controls the bus access (determines
which device acts as the transmitter and which device acts as the receiver), and generates the START
and STOP conditions. The hub will read the external EEPROM for configuration data and then attach
to the upstream USB host.
Note:
If no external EEPROM is present, the hub will write 0 to all configuration registers.
The hub does not have the capacity to write to the external EEPROM. The hub only has the capability
to read from an external EEPROM. The external EEPROM will be read (even if it is blank), and the
hub will be configured with the values that are read. Any values read for unsupported registers will not
be retained (i.e., they will remain as the default values). Reserved registers should be set to 0 unless
otherwise specified. EEPROM reset values are 0x00. Contents read from unavailable registers should
be ignored.
Note:
Go to www.smsc.com, search for USB251xB and select e2prommap.msi from the documents
section to download the EEPROM data configuration utility tool.
5.2.1
I2C Slave Address
The 7-bit slave address is 0101100b.
Note:
10-bit addressing is not supported.
5.2.2
Protocol Implementation
The hub will only access an EEPROM using the sequential read protocol as outlined in Chapter 8 of
MicroChip 24AA02/24LC02B
[4].
BIT
NUMBER
BIT NAME
DESCRIPTION
7:3
rsvd
2
INTF_PW_DN
SMBus Interface Power Down:
0 : interface is active
1 : interface power down after ACK has completed
1
RESET
Reset the SMBus interface and internal memory back to RESET_N assertion
default settings.
0 : normal run/idle state
1 : force a reset of registers to their default state
0
USB_ATTACH
USB Attach (and write protect)
0 : SMBus slave interface is active
1 : the hub will signal a USB attach event to an upstream device, and the
internal memory (address range 0x00-0xFE) is write-protected to prevent
unintentional data corruption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com