Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4431 Datasheet(PDF) 66 Page - Microchip Technology

Part # MCP4431
Description  7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4431 Datasheet(HTML) 66 Page - Microchip Technology

Back Button MCP4431 Datasheet HTML 62Page - Microchip Technology MCP4431 Datasheet HTML 63Page - Microchip Technology MCP4431 Datasheet HTML 64Page - Microchip Technology MCP4431 Datasheet HTML 65Page - Microchip Technology MCP4431 Datasheet HTML 66Page - Microchip Technology MCP4431 Datasheet HTML 67Page - Microchip Technology MCP4431 Datasheet HTML 68Page - Microchip Technology MCP4431 Datasheet HTML 69Page - Microchip Technology MCP4431 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 100 page
background image
MCP444X/446X
DS22265A-page 66
© 2010 Microchip Technology Inc.
7.5
Read Data
Normal and High Voltage
The Read Command can be issued to both the Volatile
and Nonvolatile memory locations. The format of the
command (see Figure 7-4), includes the Start condi-
tion, I2C Control Byte (with R/W bit set to “0”), A bit,
MCP44XX Command Byte, A bit, followed by a
Repeated Start bit, I2C Control Byte (with R/W bit set to
“1”), and the MCP44XX transmitting the requested
Data High Byte, and A bit, the Data Low Byte, the
Master generating the A, and Stop condition.
The I2C Control Byte requires the R/W bit equal to a
logic one (R/W = 1) to generate a read sequence. The
memory location read will be the last address
contained in a valid write MCP44XX Command Byte or
address 00h if no write operations have occurred since
the device was reset (Power-on Reset or Brown-out
Reset).
During a write cycle (Write or High Voltage Write to a
Nonvolatile memory location) the Read command can
only read the Volatile memory locations. By reading the
Status Register (05h), the Host Controller can
determine when the write cycle has completed (via the
state of the EEWA bit).
Read operations initially include the same address byte
sequence as the write sequence (shown in Figure 6-9).
This sequence is followed by another control byte
(including the Start condition and Acknowledge) with
the R/W bit equal to a logic one (R/W = 1) to indicate a
read. The MCP44XX will then transmit the data
contained in the addressed register. This is followed by
the master generating an A bit in preparation for more
data, or an A bit followed by a Stop. The sequence is
ended with the master generating a Stop or Restart
condition.
The internal address pointer is maintained. If this
address pointer is for a nonvolatile memory address
and the read control byte addresses the device during
a Nonvolatile Write Cycle (tWC) the device will respond
with an A bit.
7.5.1
SINGLE READ
Figure 7-4 show the waveforms for a single read.
For single reads the master sends a STOP or
RESTART condition after the data byte is sent from the
slave.
7.5.1.1
Random Read
Figure 7-5 shows the sequence for a Random Reads.
Refer to Figure 7-5 for the random byte read
sequence.
7.5.2
CONTINUOUS READS
Continuous reads allows the devices memory to be
read quickly. Continuous reads are possible to all
memory locations. If a nonvolatile memory write cycle
is occurring, then Read commands may only access
the volatile memory locations.
Figure 7-6 shows the sequence for three continuous
reads.
For continuous reads, instead of transmitting a Stop
or Restart condition after the data transfer, the master
reads the next data byte. The sequence ends with the
master Not Acknowledging and then sending a Stop or
Restart.
7.5.3
THE HIGH VOLTAGE COMMAND
(HVC) SIGNAL
The High Voltage Command (HVC) signal is
multiplexed with Address 0 (A0) and is used to indicate
that the command, or sequence of commands, are in
the High Voltage mode. High Voltage commands allow
the device’s WiperLock Technology and write protect
features to be enabled and disabled.
The HVC pin has an internal resistor connection to the
MCP44XX’s internal VDD signal.
7.5.4
IGNORING AN I2C TRANSMISSION
AND “FALLING OFF” THE BUS
The MCP44XX expects to receive complete, valid I2C
commands and will assume any command not defined
as a valid command is due to a bus corruption and will
enter a passive high condition on the SDA signal. All
signals will be ignored until the next valid Start
condition and Control Byte are received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com