Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4431 Datasheet(PDF) 69 Page - Microchip Technology

Part # MCP4431
Description  7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4431 Datasheet(HTML) 69 Page - Microchip Technology

Back Button MCP4431 Datasheet HTML 65Page - Microchip Technology MCP4431 Datasheet HTML 66Page - Microchip Technology MCP4431 Datasheet HTML 67Page - Microchip Technology MCP4431 Datasheet HTML 68Page - Microchip Technology MCP4431 Datasheet HTML 69Page - Microchip Technology MCP4431 Datasheet HTML 70Page - Microchip Technology MCP4431 Datasheet HTML 71Page - Microchip Technology MCP4431 Datasheet HTML 72Page - Microchip Technology MCP4431 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
© 2010 Microchip Technology Inc.
DS22265A-page 69
MCP444X/446X
7.6
Increment Wiper
Normal and High Voltage
The Increment Command provides a quick and easy
method to modify the potentiometer’s wiper by +1 with
minimal overhead. The Increment Command will only
function on the volatile wiper setting memory locations
00h, 01h, 06h and 07h. The Increment Command to
Nonvolatile addresses will be ignored and will generate
a A.
When executing an Increment Command, the volatile
wiper setting will be altered from n to n+1 for each
Increment Command received. The value will
increment up to 100h max on 8-bit devices and 80h on
7-bit devices. If multiple Increment Commands are
received after the value has reached 100h (or 80h), the
value will not be incremented further. Table 7-4 shows
the Increment Command versus the current volatile
wiper value.
The Increment Command will most commonly be
performed on the Volatile Wiper locations until a
desired condition is met. The value in the Volatile Wiper
register would need to be read using a Read operation
in order to write the new setting to the corresponding
Nonvolatile wiper memory using a Write operation. The
MCP44XX is responsible for generating the A bits.
Refer to Figure 7-7 for the Increment Command
sequence. The sequence is terminated by the Stop
condition. So when executing a continuous command
string, the Increment command can be followed by any
other valid command. This means that writes do not
need to be to the same volatile memory address.
The advantage of using an Increment Command
instead of a read-modify-write series of commands is
speed and simplicity. The wiper will transition after each
Command Acknowledge when accessing the volatile
wiper registers.
TABLE 7-4:
INCREMENT OPERATION VS.
VOLATILE WIPER VALUE
7.6.1
THE HIGH VOLTAGE COMMAND
(HVC) SIGNAL
The High Voltage Command (HVC) signal is
multiplexed with Address 0 (A0) and is used to indicate
that the command, or sequence of commands, are in
the High Voltage mode. Signals > VIHH (~8.5V) on the
HVC/A0 pin puts MCP44XX devices into High Voltage
mode. High Voltage commands allow the device’s
WiperLock Technology and write protect features to be
enabled and disabled.
The HVC pin has an internal resistor connection to the
MCP44XX’s internal VDD signal.
FIGURE 7-7:
I2C Increment Command Sequence.
Note:
Table 7-4 shows the valid addresses for
the Increment Wiper command. Other
addresses are invalid.
Note:
The command sequence can go from an
increment to any other valid command for
the
specified
address.
Issuing
an
increment or decrement to a nonvolatile
location will cause an error condition (A
will be generated).
Current Wiper
Setting
Wiper (W)
Properties
Increment
Command
Operates?
7-bit
Pot
8-bit
Pot
3FFh
081h
3FFh
101h
Reserved
(Full-Scale (W = A))
No
080h
100h
Full-Scale (W = A)
No
07Fh
041h
0FFh
081
W = N
040h
080h
W = N (Mid-Scale) Yes
03Fh
001h
07Fh
001
W = N
000h
000h
Zero Scale (W = B) Yes
Note:
There is a required delay after the HVC pin
is driven to the VIHH level to the 1st edge
of the SCL pin.
Control Byte
INCR Command (n+1)
INCR Command (n+2)
1
010
S
1 A1 A0 0
0
AD AD AD AD
A1 x
X A
0
AD AD AD AD
1x
X A P (2)
0
1
2
3
43 21
Fixed
Address
Variable
Address
Device
Memory
Address
Command
Write bit
Note1:
Increment Command (INCR) only functions when accessing the volatile wiper
registers (AD3:AD0 = 00h, 01h, 06h, and 07h).
2:
This command sequence does not need to terminate (using the Stop bit) and can
change to any other desired command sequence (Increment, Read, or Write).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com