Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM397MFX Datasheet(PDF) 5 Page - Texas Instruments

Part # LM397MFX
Description  LM397 Single General Purpose Voltage Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM397MFX Datasheet(HTML) 5 Page - Texas Instruments

  LM397MFX Datasheet HTML 1Page - Texas Instruments LM397MFX Datasheet HTML 2Page - Texas Instruments LM397MFX Datasheet HTML 3Page - Texas Instruments LM397MFX Datasheet HTML 4Page - Texas Instruments LM397MFX Datasheet HTML 5Page - Texas Instruments LM397MFX Datasheet HTML 6Page - Texas Instruments LM397MFX Datasheet HTML 7Page - Texas Instruments LM397MFX Datasheet HTML 8Page - Texas Instruments LM397MFX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
VOLTS
VREF
VO
TIME
VIN
VREF
VIN
VO
-
+
V
-
RPULL-UP
VS
LM397
www.ti.com
SNOS977D – MAY 2001 – REVISED MARCH 2013
APPLICATION NOTES
Basic Comparators
A comparator is quite often used to convert an analog signal to a digital signal. The comparator compares an
input voltage (VIN) at the non-inverting pin to the reference voltage (VREF) at the inverting pin. If VIN is less than
VREF the output (VO) is low (VOL). However, if VIN is greater than VREF, the output voltage (VO) is high (VOH).
Refer to Figure 9.
Figure 9. Basic Comparator
Hysteresis
The basic comparator configuration may oscillate or produce a noisy output if the applied differential input is near
the comparator’s input offset voltage. This tends to occur when the voltage on the input is equal or very close to
the other input voltage. Adding hysteresis can prevent this problem. Hysteresis creates two switching thresholds
(one for the rising input voltage and the other for the falling input voltage). Hysteresis is the voltage difference
between the two switching thresholds. When both inputs are nearly equal, hysteresis causes one input to
effectively move quickly pass the other. Thus, effectively moving the input out of region that oscillation may
occur.
For an inverting configured comparator, hysteresis can be added with a three resistor network and positive
feedback. When input voltage (VIN) at the inverting node is less than non-inverting node (VT), the output is high.
The equivalent circuit for the three resistor network is R1 in parallel with R3 and in series with R2. The lower
threshold voltage VT1 is calculated by:
VT1 = ((VS R2) / (((R1 R3) / (R1 + R3)) + R2))
(1)
When VIN is greater than VT, the output voltage is low. The equivalent circuit for the three resistor network is R2
in parallel with R3 and in series with R1. The upper threshold voltage VT2 is calculated by:
VT2 = VS ((R2 R3) / (R2 + R3)) / (R1 + ((R2 R3) / (R2 + R3)))
(2)
The hysteresis is defined as
ΔVIN = VT1 – VT2
(3)
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM397



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com