Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM397MFX Datasheet(PDF) 3 Page - Texas Instruments

Part # LM397MFX
Description  LM397 Single General Purpose Voltage Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM397MFX Datasheet(HTML) 3 Page - Texas Instruments

  LM397MFX Datasheet HTML 1Page - Texas Instruments LM397MFX Datasheet HTML 2Page - Texas Instruments LM397MFX Datasheet HTML 3Page - Texas Instruments LM397MFX Datasheet HTML 4Page - Texas Instruments LM397MFX Datasheet HTML 5Page - Texas Instruments LM397MFX Datasheet HTML 6Page - Texas Instruments LM397MFX Datasheet HTML 7Page - Texas Instruments LM397MFX Datasheet HTML 8Page - Texas Instruments LM397MFX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LM397
www.ti.com
SNOS977D – MAY 2001 – REVISED MARCH 2013
Electrical Characteristics
Unless otherwise specified, all limits are ensured for TA = 25°C, VS = 5V, V
− = 0V, V
CM = V
+/2 = V
O. Boldface limits apply at
the temperature extremes.
Parameter
Test Conditions
Min(1)
Typ(2)
Max(1)
Units
VOS
Input Offset Voltage
VS = 5V to 30V,
2
7
mV
VO = 1.4V, VCM = 0V
10
IOS
Input Offset Current
VO = 1.4V, VCM = 0V
1.6
50
nA
250
IB
Input Bias Current
VO = 1.4V, VCM = 0V
10
250
nA
400
IS
Supply Current
RL = Open, VS = 5V
0.25
0.7
mA
RL = Open, VS = 30V
0.30
2
IO
Output Sink Current
VIN+ = 1V,VIN− = 0V, VO = 1.5V
6
13
mA
ILEAKAGE
Output Leakage Current
VIN+ = 1V,VIN− = 0V, VO = 5V
0.1
nA
VIN+ = 1V,VIN− = 0V, VO = 30V
1
µA
VOL
Output Voltage Low
IO = −4mA, VIN+ = 0V,VIN− = 1V
180
400
mV
700
VCM
Common-Mode Input Voltage
VS = 5V to 30V
(3)
0
VS - 1.5V
V
Range
0
VS - 2V
AV
Voltage Gain
VS = 15V, VO = 1.4V to 11.4V,
120
V/mV
RL > = 15kΩ connected to VS
tPHL
Propagation Delay
Input Overdrive = 5mV
900
(High to Low)
RL = 5.1kΩ connected to 5V, CL = 15pF
ns
Input Overdrive = 50mV
250
RL = 5.1kΩ connected to 5V, CL = 15pF
tPLH
Propagation Delay
Input Overdrive = 5mV
940
µs
(Low to High)
RL = 5.1kΩ connected to 5V, CL = 15pF
Input Overdrive = 50mV
440
ns
RL = 5.1kΩ connected to 5V, CL = 15pF
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(3)
The input common-mode voltage of either input should not be permitted to go below the negative rail by more than 0.3V. The upper end
of the common-mode voltage range is VS - 1.5V at 25°C.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM397



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com