Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 2 Page - Texas Instruments

Part # CC2500-RTY1
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 2 Page - Texas Instruments

  CC2500-RTY1 Datasheet HTML 1Page - Texas Instruments CC2500-RTY1 Datasheet HTML 2Page - Texas Instruments CC2500-RTY1 Datasheet HTML 3Page - Texas Instruments CC2500-RTY1 Datasheet HTML 4Page - Texas Instruments CC2500-RTY1 Datasheet HTML 5Page - Texas Instruments CC2500-RTY1 Datasheet HTML 6Page - Texas Instruments CC2500-RTY1 Datasheet HTML 7Page - Texas Instruments CC2500-RTY1 Datasheet HTML 8Page - Texas Instruments CC2500-RTY1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 99 page
background image
CC2500
SWRS040C
Page 2 of 89
Programmable Preamble Quality Indicator
(PQI) for improved protection against false
sync word detection in random noise
Support
for
automatic
Clear
Channel
Assessment (CCA) before transmitting (for
listen-before-talk systems)
Support
for
per-package
Link
Quality
Indication (LQI)
Optional automatic whitening and de-
whitening of data
Low-Power Features
400 nA SLEEP mode current consumption
Fast startup time: 240 us from SLEEP to
RX or TX mode (measured on EM design)
Wake-on-radio functionality for automatic
low-power RX polling
Separate 64-byte RX and TX data FIFOs
(enables burst mode data transmission)
General
Few external components: Complete on-
chip frequency synthesizer, no external
filters or RF switch needed
Green package: RoHS compliant and no
antimony or bromine
Small size (QLP 4x4 mm package, 20
pins)
Suited for systems compliant with EN 300
328 and EN 300 440 class 2 (Europe),
FCC CFR47 Part 15 (US), and ARIB STD-
T66 (Japan)
Support
for
asynchronous
and
synchronous serial receive/transmit mode
for backwards compatibility with existing
radio communication protocols



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com