Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 78 Page - Texas Instruments

Part # CC2500-RTY1
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 78 Page - Texas Instruments

Back Button CC2500-RTY1 Datasheet HTML 74Page - Texas Instruments CC2500-RTY1 Datasheet HTML 75Page - Texas Instruments CC2500-RTY1 Datasheet HTML 76Page - Texas Instruments CC2500-RTY1 Datasheet HTML 77Page - Texas Instruments CC2500-RTY1 Datasheet HTML 78Page - Texas Instruments CC2500-RTY1 Datasheet HTML 79Page - Texas Instruments CC2500-RTY1 Datasheet HTML 80Page - Texas Instruments CC2500-RTY1 Datasheet HTML 81Page - Texas Instruments CC2500-RTY1 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 99 page
background image
CC2500
SWRS040C
Page 78 of 89
0x1F: WOREVT0 – Low Byte Event0 Timeout
Bit
Field Name
Reset
R/W
Description
7:0
EVENT0[7:0]
107 (0x6B)
R/W
Low byte of Event 0 timeout register.
The default Event 0 value gives 1.0 s timeout, assuming a
26.0 MHz crystal.
0x20: WORCTRL – Wake On Radio Control
Bit
Field Name
Reset
R/W
Description
7
RC_PD
1
R/W
Power down signal to RC oscillator. When written to 0, automatic
initial calibration will be performed
6:4
EVENT1[2:0]
7 (111)
R/W
Timeout setting from register block. Decoded to Event 1 timeout.
RC oscillator clock frequency equals FXOSC/750, which is 34.7-36
kHz, depending on crystal frequency. The table below lists the
number of clock periods after Event 0 before Event 1 times out.
Setting
t_event1
0 (000)
4 (0.111 – 0.115 ms)
1 (001)
6 (0.167 – 0.173 ms)
2 (010)
8 (0.222 – 0.230 ms)
3 (011)
12 (0.333 – 0.346 ms)
4 (100)
16 (0.444 – 0.462 ms)
5 (101)
24 (0.667 – 0.692 ms)
6 (110)
32 (0.889 – 0.923 ms)
7 (111)
48 (1.333 – 1.385 ms)
3
RC_CAL
1
R/W
Enables (1) or disables (0) the RC oscillator calibration.
2
Reserved
R0
1:0
WOR_RES[1:0]
0 (00)
R/W
Controls the Event 0 resolution as well as maximum timeout of the
WOR module and maximum timeout under normal RX operation:
Setting
Resolution (1 LSB)
Max timeout
0 (00)
1 period (28 – 29
μs)
1.8 – 1.9 seconds
1 (01)
2
5 periods (0.89 – 0.92 ms)
58 – 61 seconds
2 (10)
2
10 periods (28 – 30 ms)
31 – 32 minutes
3 (11)
2
15 periods (0.91 – 0.94 s)
16.5 – 17.2 hours
Note that WOR_RES should be 0 or 1 when using WOR because
WOR_RES > 1 will give a very low duty cycle.
In normal RX operation all settings of WOR_RES can be used.
0x21: FREND1 – Front End RX Configuration
Bit
Field Name
Reset
R/W
Description
7:6
LNA_CURRENT[1:0]
1 (01)
R/W
Adjusts front-end LNA PTAT current output
5:4
LNA2MIX_CURRENT[1:0]
1 (01)
R/W
Adjusts front-end PTAT outputs
3:2
LODIV_BUF_CURRENT_RX[1:0]
1 (01)
R/W
Adjusts current in RX LO buffer (LO input to mixer)
1:0
MIX_CURRENT[1:0]
2 (10)
R/W
Adjusts current in mixer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com